전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1533AIRZ-T13 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL1533AIRZ-T13
상세설명  Dual Channel Differential DSL Line Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1533AIRZ-T13 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL1533AIRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN8648.0
May 9, 2014
Submit Document Feedback
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VS+ to VS- Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 30V
VS+ Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 30V
VS- Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30V to 0.3V
Driver VIN+ Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS- to VS+
C0, C1 Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
IADJ Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 4V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . . . . . . . . 3kV
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . . . . . . . 200V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
24 Lead QFN Package (Notes 7, 8) . . . . . .
39
4.5
Current into any Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mA
Output Current from Driver (Static) . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .See Figure 37
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
7.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
8. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA.
Electrical Specifications VS = ±12V, RF = 3k, RL= 50, IADJ = C0 = C1 = 0V, TA = +25°C. Amplifiers tested separately.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 9)
TYP
MAX
Note 9
UNIT
SUPPLY CHARACTERISTICS
IS+ (Full IS)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = C1 = 0V, RADJ = 0
3.0
4.0
5.0
mA
IS- (Full IS)
Negative Supply Current per Amplifier
All outputs at 0V, C0 = C1 = 0V, RADJ = 0
-4.88
-3.88
-2.88
mA
IS+ (3/4 IS)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = 5V, C1 = 0V, RADJ = 0
3.0
mA
IS- (3/4 IS)
Negative Supply Current per Amplifier
All outputs at 0V, C0 = 5V, C1 = 0V, RADJ = 0
-2.8
mA
IS+ (1/2 IS)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = 0V, C1 = 5V, RADJ = 0
1.63
2.0
2.75
mA
IS- (1/2 IS)
Negative Supply Current per Amplifier
All outputs at 0V, C0 = 0V, C1 = 5V, RADJ = 0
-2.63
-1.88
-1.5
mA
IS+ (Power-down)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = C1 = 5V, RADJ = 0
0.12
0.5
mA
IS- (Power-down)
Negative Supply Current per Amplifier
All outputs at 0V, C0 = C1 = 5V, RADJ = 0
-0.5
0
mA
IGND
GND Supply Current per Amplifier
All outputs at 0V
0.25
mA
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
-10
4
+10
mV
VOS
VOS Mismatch
-2
0
+2
mV
IB+
Non-Inverting Input Bias Current
-7.5
+7.5
µA
IB-
Inverting Input Bias Current
-50
+50
µA
IB-IB- Mismatch
-10
0
+10
µA
ROL
Transimpedance
15
M
eN
Input Noise Voltage
10
nV/Hz
iN
-Input Noise Current
25
pA/Hz
VIH
Input High Voltage
C0 and C1 inputs
2.2
V
VIL
Input Low Voltage
C0 and C1 inputs
0.8
V
IIH0, IIH1
Input High Current for C0, C1
C0 = 5V, C1 = 5V
5
33
60
µA
ISL1533A


유사한 부품 번호 - ISL1533AIRZ-T13

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL1533AIRZ-T13 RENESAS-ISL1533AIRZ-T13 Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
More results

유사한 설명 - ISL1533AIRZ-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com