전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1533AIRZ-T13 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL1533AIRZ-T13
상세설명  Dual Channel Differential DSL Line Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1533AIRZ-T13 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL1533AIRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN8648.0
May 9, 2014
Submit Document Feedback
FIGURE 14. DIFFERENTIAL FREQUENCY RESPONSE
vs RL (FULL IS)
FIGURE 15. DIFFERENTIAL FREQUENCY RESPONSE
vs RL (FULL IS)
FIGURE 16. DIFFERENTIAL FREQUENCY RESPONSE
vs RL (3/4 IS)
FIGURE 17. DIFFERENTIAL FREQUENCY RESPONSE
vs RL (3/4 IS)
FIGURE 18. DIFFERENTIAL FREQUENCY RESPONSE
vs RL (1/2 IS)
FIGURE 19. DIFFERENTIAL FREQUENCY RESPONSE
vs RL (1/2 IS)
Typical Performance Curves (Continued)
VS = ±12V
AV = 5
RF = 3k
RL = 100
RL = 365
RL = 220
RL = 50
VS = ±12V
AV = 10
RF = 3k
RL = 100
RL = 220
RL = 365
RL = 50
VS = ±12V
AV = 5
RF = 3k
RL = 100
RL = 365
RL = 220
RL = 50
VS = ±12V
AV = 10
RF = 3k
RL = 100
RL = 365
RL = 50
RL = 220
VS = ±12V
AV = 5
RF = 3k
RL = 100
RL = 365
RL = 220
RL = 50
VS = ±12V
AV = 10
RF = 3k
RL = 100
RL = 365
RL = 50
RL = 220
ISL1533A


유사한 부품 번호 - ISL1533AIRZ-T13

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL1533AIRZ-T13 RENESAS-ISL1533AIRZ-T13 Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
More results

유사한 설명 - ISL1533AIRZ-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com