전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL24201IRTZ 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL24201IRTZ
상세설명  Programmable VCOM Calibrator with EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24201IRTZ 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL24201IRTZ Datasheet HTML 2Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 3Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 4Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 5Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 6Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 7Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 8Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 9Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ISL24201
6
FN7586.1
December 9, 2010
DCP (Digitally Controlled Potentiometer)
Figure 4 shows the relationship between the register value and
the resistor string of the DCP. Note that the register value of zero
actually selects the first step of the resistor string. The output
voltage of the DCP is given by Equation 1:
Output Current Sink
Figure 5 shows the schematic of the OUT pin current sink. The
circuit made up of amplifier A1, transistor Q1, and resistor RSET
forms a voltage controlled current source.
The external RSET resistor sets the full-scale sink current that
determines the lowest output voltage of the external voltage divider
R1 and R2. IOUT is calculated as shown by Equation 2:
The maximum value of IOUT can be calculated by substituting the
maximum register value of 255 into Equation 2, resulting in
Equation 3:
Equation 2 can also be used to calculate the unit sink current
step size by removing the Register Value term from it as shown in
Equation 4.
The voltage difference between the OUT pin and SET pin, which are
also the drain and source of the output transistor, should be greater
than the minimum saturation voltage for the IOUT(MAX) being used.
This will keep the output transistor in its saturation region to
maintain linear operation over the full range of register values.
Figure 6 shows IDS vs VDS for transistor Q1. The line labeled
"Minimum Saturation Voltage" is the minimum voltage that should
be maintained across the drain and source of Q1. To find the
minimum saturation voltage for a specific condition, locate the
voltage at the intersection of the IOUT(MAX) value from Equation 3
and the line labeled "Minimum Saturation Voltage".
VDCP
RegisterValue 1
+
256
---------------------------------------------------
⎝⎠
⎛⎞ AVDD
20
--------------
⎝⎠
⎛⎞
=
(EQ. 1)
AVDD
19R
R
0
1
2
255
254
253
252
251
REGISTER
VALUE
AVDD
20
VDCP
FIGURE 4. SIMPLIFIED SCHEMATIC OF DIGITAL CONTROL
POTENTIOMETER (DCP)
AVDD
RSET
VDCP
SET
OUT
AVDD
IOUT
R1
R2
VSAT
VSET = (IOUT)*(RSET) = VDCP
Q1
A1
VOUT
FIGURE 5. CURRENT SINK CIRCUIT
IOUT
VDCP
RSET
-------------
RegisterValue 1
+
256
---------------------------------------------------
⎝⎠
⎛⎞ AVDD
20
--------------
⎝⎠
⎛⎞
1
RSET
-------------
⎝⎠
⎛⎞
==
(EQ. 2)
IOUT MAX
()
AVDD
20RSET
--------------------
=
(EQ. 3)
ISTEP
AVDD
256
() 20
() RSET
()
----------------------------------------------
=
(EQ. 4)
FIGURE 6. IDS vs VDS FOR THE ISL24201 OUTPUT TRANSISTOR
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
012
34
5
6
7
8
9
10
VDS (V)
SATURATION REGION
MINIMUM SATURATION
VOLTAGE


유사한 부품 번호 - ISL24201IRTZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM Pb-free (RoHS-compliant)
logo
Renesas Technology Corp
ISL24201IRTZ RENESAS-ISL24201IRTZ Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ-EVALZ INTERSIL-ISL24201IRTZ-EVALZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM Pb-free (RoHS-compliant)
logo
Renesas Technology Corp
ISL24201IRTZ-EVALZ RENESAS-ISL24201IRTZ-EVALZ Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results

유사한 설명 - ISL24201IRTZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com