전자부품 데이터시트 검색엔진 |
|
ISL24212IRTZ 데이터시트(PDF) 5 Page - Intersil Corporation |
|
ISL24212IRTZ 데이터시트(HTML) 5 Page - Intersil Corporation |
5 / 12 page ISL24212 5 FN7590.0 March 15, 2011 VOH Output Swing High IL = 5mA 17.85 17.9 V ISC Short Circuit Current (Sinking) 300 430 mA Short Circuit Current (Sourcing) 450 555 mA SR Slew Rate (Rising) 1K Ω || 8pF Load 70 116 V/µs Slew Rate (Falling) 1K Ω || 8pF Load 50 93 V/µs tS Settling Time to 0.2% 150 ns BW -3dB Bandwidth 60 MHz EEPROM CHARACTERISTICS tPROG EEPROM Programming Time (internal) 100 ms UP/DOWN COUNTER CONTROL INPUTS (SEE FIGURE 11) VIH CE and CTL Input Logic High Threshold 0.7*VDD V VIL CE and CTL Input Logic Low Threshold 0.3*VDD V ICS_PD CE Input Pull Down Current Sink 0.5 1.5 µA ICTL CTL Input Bias Current CTL = GND (sourcing) 7 15 µA CTL = VDD (sinking) 7 15 µA tST CE to CTL Start Delay 50 µs tREAD EEPROM Recall Time (after CE de-asserted) 10 ms tH_REJ CTL High Pulse Rejection Width 20 µs tL_REJ CTL Low Pulse Rejection Width 20 µs tH_MIN CTL High Minimum Valid Pulse Width 200 µs tL_MIN CTL Low Minimum Valid Pulse Width 200 µs tMTC CTL Minimum Time Between Counts 10 µs VPROG CTL EEPROM Program Voltage (see Figure 9) 4.9 19 V tPROG CTL EEPROM Programming Signal Time 200 µs tH_PROP CTL High-to-Mid to DVR_OUT propagation time 65 µs tL_PROP CTL Low-to-Mid to DVR_OUT propagation time 65 µs NOTE: 6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design. Electrical Specifications Test Conditions: VDD = 3.3V, AVDD = 18V, RSET = 5kΩ, R1 = 10kΩ, R2 = 10kΩ, (See Figure 5), VCOM_OUT pin connected to INN, unless otherwise specified. Typicals are at TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued) SYMBOL PARAMETER TEST CONDITIONS MIN (Note 6) TYP MAX (Note 6) UNITS |
유사한 부품 번호 - ISL24212IRTZ |
|
유사한 설명 - ISL24212IRTZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |