전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28117FBZ 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL28117FBZ
상세설명  40V Precision Low Power Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28117FBZ 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL28117FBZ Datasheet HTML 1Page - Intersil Corporation ISL28117FBZ Datasheet HTML 2Page - Intersil Corporation ISL28117FBZ Datasheet HTML 3Page - Intersil Corporation ISL28117FBZ Datasheet HTML 4Page - Intersil Corporation ISL28117FBZ Datasheet HTML 5Page - Intersil Corporation ISL28117FBZ Datasheet HTML 6Page - Intersil Corporation ISL28117FBZ Datasheet HTML 7Page - Intersil Corporation ISL28117FBZ Datasheet HTML 8Page - Intersil Corporation ISL28117FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ISL28117, ISL28217, ISL28417
3
November 30, 2012
FN6632.10
Pin Configurations
ISL28117
(8 LD SOIC, MSOP)
TOP VIEW
ISL28117
(8 LD TDFN)
TOP VIEW
ISL28217
(8 LD SOIC, MSOP)
TOP VIEW
ISL28217
(8 LD TDFN)
TOP VIEW
ISL28417
(14 LD SOIC, TSSOP)
TOP VIEW
NC
-IN
+IN
V -
1
2
3
4
8
7
6
5
NC
V+
VOUT
NC
+
-
2
3
4
1
7
6
5
8
NC
-IN
+IN
V-
NC
V+
VOUT
NC
+
-
VOUT_A
-IN_A
+IN_A
V -
1
2
3
4
8
7
6
5
V+
VOUT_B
-IN_B
+IN_B
+
-
+-
2
3
4
1
7
6
5
8
VOUT_A
-IN_A
+IN_A
V-
V+
VOUT_B
-IN_B
+IN_B
+
-
+ -
-+
-
+
-+
-
+
BC
AD
VOUT_A
-IN_A
+IN_A
V +
1
2
3
4
5
6
7
10
9
8
11
12
13
14
+IN_B
-IN_B
VOUT_B
V -
+IN_C
-IN_C
VOUT_C
VOUT_D
-IN_D
+IN_D


유사한 부품 번호 - ISL28117FBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
More results

유사한 설명 - ISL28117FBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com