전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28230FUZ 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL28230FUZ
상세설명  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28230FUZ 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL28230FUZ Datasheet HTML 1Page - Intersil Corporation ISL28230FUZ Datasheet HTML 2Page - Intersil Corporation ISL28230FUZ Datasheet HTML 3Page - Intersil Corporation ISL28230FUZ Datasheet HTML 4Page - Intersil Corporation ISL28230FUZ Datasheet HTML 5Page - Intersil Corporation ISL28230FUZ Datasheet HTML 6Page - Intersil Corporation ISL28230FUZ Datasheet HTML 7Page - Intersil Corporation ISL28230FUZ Datasheet HTML 8Page - Intersil Corporation ISL28230FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ISL28130, ISL28230, ISL28430
5
FN7623.7
February 13, 2014
Absolute Maximum Ratings
Thermal Information
Max Supply Voltage V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5V
Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . (V- - 0.3V) to (V+ + 0.3V)V
Max Input Differential Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
Max Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Max Voltage VOUT to GND (10s) . . . . . . . . . . . . . . (V- - 0.5V) to (V+ + 0.5V)V
ESD Tolerance (ISL28130)
Human Body Model (Tested at JESD22-A114F) . . . . . . . . . . . . . . . 3000V
Machine Model (Tested at JESD22-A115B) . . . . . . . . . . . . . . . . . . . 200V
Charged Device Model (Tested at JESD22-C110D) . . . . . . . . . . . . 1500V
ESD Tolerance (ISL28230, ISL28430)
Human Body Model (Tested at JESD22-A114F) . . . . . . . . . . . . . . . 4000V
Machine Model (Tested at JESD22-A115B) . . . . . . . . . . . . . . . . . . . 400V
Charged Device Model (Tested at JESD22-C110D) . . . . . . . . . . . . 2000V
Latch-Up (Passed Per JESD78B). . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
5 Ld SOT-23 (Notes 6, 8) . . . . . . . . . . . . . . .
225
110
5 Ld SC70 (Notes 6, 8). . . . . . . . . . . . . . . . .
206
146
8 Ld SOIC (ISL28130) (Notes 6, 8). . . . . . .
135
95
8 Ld MSOP (Notes 6, 8) . . . . . . . . . . . . . . . .
180
65
8 Ld SOIC (ISL28230) (Notes 6, 8). . . . . . .
125
90
8 Ld DFN (Notes 7, 9). . . . . . . . . . . . . . . . . .
53
12
14 Ld TSSOP (Notes 6, 8) . . . . . . . . . . . . . .
110
40
14 Ld SOIC (Notes 6, 8) . . . . . . . . . . . . . . . .
75
47
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range
Full Grade Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Commercial Grade Devices. . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
8. For
JC, the “case temp” location is taken at the package top center.
9. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25°C, RL = 10kΩ, unless otherwise specified. Boldface limits apply over the
entire operating temperature range.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
Vs = 1.8V to 5.5V
-40
±5
40
µV
Vs = 1.8 to 5.5V;
T = 0°C to +70°C
-46.8
46.8
µV
Vs = 1.8V to 5.5V;
T = -40°C to +125°C
-55
55
µV
TCVOS
Input Offset Voltage Temperature Coefficient
-150
20
150
nV/°C
IOS
Input Offset Current
-60
pA
TCIOS
Input Offset Current Temperature Coefficient
0.11
pA/°C
IB
Input Bias Current
T = 0°C to +70°C
-250
250
pA
T = -40°C to +125°C
-700
700
pA
Common Mode Input
Voltage Range
Guaranteed by CMRR
-0.1
5.1
V
CMRR
Common Mode Rejection Ratio
VCM = -0.1V to 5.1V
110
125
dB
105
dB
PSRR
Power Supply Rejection Ratio
Vs = 2.0V to 5.5V
105
138
dB
105
dB
VOH
Output Voltage Swing, High
4.950
4.981
V
VOL
Output Voltage Swing, Low
18
50
mV


유사한 부품 번호 - ISL28230FUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28230FUZ INTERSIL-ISL28230FUZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28230FUZ RENESAS-ISL28230FUZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

유사한 설명 - ISL28230FUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com