전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54405IVZ 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL54405IVZ
상세설명  CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54405IVZ 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL54405IVZ Datasheet HTML 1Page - Intersil Corporation ISL54405IVZ Datasheet HTML 2Page - Intersil Corporation ISL54405IVZ Datasheet HTML 3Page - Intersil Corporation ISL54405IVZ Datasheet HTML 4Page - Intersil Corporation ISL54405IVZ Datasheet HTML 5Page - Intersil Corporation ISL54405IVZ Datasheet HTML 6Page - Intersil Corporation ISL54405IVZ Datasheet HTML 7Page - Intersil Corporation ISL54405IVZ Datasheet HTML 8Page - Intersil Corporation ISL54405IVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL54405
3
Submit Document Feedback
FN6699.2
May 6, 2014
Truth Table
INPUTS
OUTPUTS
AC/DC
DIR
MUTE
SEL
L1, R1
L2, R2
COM (L, R)
C/P SHUNTS
L1, R1
C/P SHUNTS
L2, R2
C/P SHUNTS
0
X
0
0
ON
OFF
OFF
OFF
OFF
0
X
0
1
OFF
ON
OFF
OFF
OFF
0X1X
OFF
OFF
OFF
OFF
OFF
1
0
0
0
ON
OFF
OFF
OFF
ON
10
01
OFF
ON
OFF
ON
OFF
10
1
X
OFF
OFF
OFF
ON
ON
1
1
0
0
ON
OFF
OFF
OFF
OFF
11
01
OFF
ON
OFF
OFF
OFF
1
1
1
X
OFF
OFF
ON
OFF
OFF
NOTE: MUTE, AC/DC, DIR: Logic “0”
0.5V, Logic “1” 1.4V or float with a 3.3V supply or 5V supply.
SEL: Logic “0”
0.5V, Logic “1” 1.4V with a 3.3V supply or 5V supply.
X = Don’t Care
Pin Descriptions
PIN #
TSSOP
PIN #
µTQFN, TQFN
PIN NAME
DESCRIPTION
16
14
VDD
System power supply pin (+3V to +3.6V) (float pin for 5V applications)
1
15
5V_Supply
5V supply pin (+4.5V to +5.5V) (float pin for 3.3V applications)
7, 9, 10
5, 7, 8
GND
Ground connection
15
13
CAP_SS
Soft-start capacitor pin
31
MUTE
Signal mute control pin
6
4
SEL
Input select control pin
2
16
AC/DC
AC/DC select control pin
8
6
DIR_SEL
Direction select control pin
5
3
R
Analog switch common pin
4
2
L
Analog switch common pin
11, 13
9, 11
R2, L2
Analog switch normally open pin
12, 14
10, 12
R1, L1
Analog switch normally closed pin
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE (°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL54405IVZ (Notes 3, 4)
54405 IVZ
-40 to +85
16 Ld TSSOP
M16.173
ISL54405IRTZ (Notes 3, 4)
05TZ
-40 to +85
16 Ld 3x3 TQFN
L16.3x3A
ISL54405IRUZ-T (Notes 2, 5)
GAD
-40 to+ 85
16 Ld µTQFN
L16.2.6x1.8A
NOTES:
2. Please refer to TB347 for details on reel specifications.
3. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
5. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate-e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.


유사한 부품 번호 - ISL54405IVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54405IVZ INTERSIL-ISL54405IVZ Datasheet
962Kb / 19P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
logo
Renesas Technology Corp
ISL54405IVZ RENESAS-ISL54405IVZ Datasheet
1Mb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
logo
Intersil Corporation
ISL54405IVZ-T INTERSIL-ISL54405IVZ-T Datasheet
962Kb / 19P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
More results

유사한 설명 - ISL54405IVZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54405 RENESAS-ISL54405 Datasheet
1Mb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
logo
Intersil Corporation
ISL54405 INTERSIL-ISL54405 Datasheet
962Kb / 19P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54406IRUZ-T INTERSIL-ISL54406IRUZ-T Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Intersil Corporation
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com