전자부품 데이터시트 검색엔진 |
|
ISL59482IRZ 데이터시트(PDF) 5 Page - Intersil Corporation |
|
ISL59482IRZ 데이터시트(HTML) 5 Page - Intersil Corporation |
5 / 15 page ISL59482 5 FN6209.4 August 8, 2014 Submit Document Feedback BW Small Signal -3dB Bandwidth VOUT = 0.2VP-P; RL = 500Ω, CL = 1.2pF 520 MHz VOUT = 0.2VP-P; RL = 150Ω, CL = 1.2pF 420 MHz Large Signal -3dB Bandwidth VOUT = 2VP-P; RL = 500Ω, CL = 1.2pF 250 MHz VOUT = 2VP-P; RL = 150Ω, CL = 1.2pF 230 MHz FBW 0.1dB Bandwidth VOUT = 2VP-P; RL = 500Ω, CL = 1.2pF 35 MHz VOUT = 2VP-P; RL = 150Ω, CL = 1.2pF 90 MHz SR Slew Rate 25% to 75%, RL = 150Ω, Input Enabled, CL =1.5pF 1600 V/µs TRANSIENT RESPONSE tr, tf Large Signal Large Signal Rise, Fall Times, tr, tf, 10% to 90% VOUT = 2VP-P; RL = 500Ω, CL = 1.2pF 1.2 ns VOUT = 2VP-P; RL = 150Ω, CL = 1.2pF 1.2 ns tr, tf, Small Signal Small Signal Rise, Fall Times, tr, tf, 10% to 90% VOUT = 0.2VP-P; RL = 500Ω, CL = 1.2pF 0.7 ns VOUT = 0.2VP-P; RL = 150Ω, CL = 1.2pF 0.8 ns ts 0.1% Settling Time to 0.1% VOUT = 2VP-P; RL = 500Ω, CL = 1.2pF 22 ns VOUT = 2VP-P; RL = 150Ω, CL = 1.2pF 24 ns ts 1% Settling Time to 1% VOUT = 2VP-P; RL = 500Ω, CL = 1.2pF 5 ns VOUT = 2VP-P; RL = 150Ω, CL = 1.2pF 7 ns SWITCHING CHARACTERISTICS VGLITCH Channel-to-Channel Switching Glitch VIN = 0V, CL = 1.2pF 60 mVP-P EN Switching Glitch VIN = 0V, CL = 1.2pF 200 mVP-P HIZ Switching Glitch VIN = 0V, CL = 1.2pF 300 mVP-P tSW-L-H Channel Switching Time Low-to-High 1.2V logic threshold to 10% movement of analog output 22 ns tSW-H-L Channel Switching Time High-to-Low 1.2V logic threshold to 10% movement of analog output 25 ns tpd Propagation Delay 10% to 10% 0.9 ns NOTE: 7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design. Electrical Specifications V1+ = V2+ = +5V, V1- = V2- = -5V, GND = 0V, TA = +25°C, Input Video = 0.5VP-P and RL = 500Ω to GND, CL = 5pF unless otherwise specified. (Continued) PARAMETER DESCRIPTION CONDITIONS MIN (Note 7)TYP MAX (Note 7)UNIT |
유사한 부품 번호 - ISL59482IRZ |
|
유사한 설명 - ISL59482IRZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |