전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2575-5.0BT 데이터시트(PDF) 8 Page - Micrel Semiconductor

부품명 LM2575-5.0BT
상세설명  52kHz Simple 1A Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-5.0BT 데이터시트(HTML) 8 Page - Micrel Semiconductor

  LM2575-5.0BT Datasheet HTML 1Page - Micrel Semiconductor LM2575-5.0BT Datasheet HTML 2Page - Micrel Semiconductor LM2575-5.0BT Datasheet HTML 3Page - Micrel Semiconductor LM2575-5.0BT Datasheet HTML 4Page - Micrel Semiconductor LM2575-5.0BT Datasheet HTML 5Page - Micrel Semiconductor LM2575-5.0BT Datasheet HTML 6Page - Micrel Semiconductor LM2575-5.0BT Datasheet HTML 7Page - Micrel Semiconductor LM2575-5.0BT Datasheet HTML 8Page - Micrel Semiconductor LM2575-5.0BT Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
M9999-042205
8
April 2005
LM2575
Micrel, Inc.
Package Information
0.020
(0.508)
0.018±0.003
(0.457±0.076)
PIN 1
0.780
(19.812)
.250±0.005
(6.350±0.127)
0.025±0.015
(0.635±0.381)
0.100±0.010
(2.540±0.254)
MAX
0.030-0.110
(0.762-2.794)
RAD
0.125
(3.175)
MIN
0.020
(0.508)
MIN
0.130±0.005
(3.302±0.127)
+0.025
–0.015
+0.635
–0.381
0.325
8.255
()
0.009-0.015
(0.229-0.381)
0°-10°
0.290-0.320
(7.336-8.128)
0.040
(1.016)
TYP
16-Pin DIP (N)
0.022 (0.559)
0.018 (0.457)
TYP
0.408 (10.363)
0.404 (10.262)
0.609 (15.469)
0.605 (15.367)
0.103 (2.616)
0.099 (2.515)
SEATING
PLANE
0.027 (0.686)
0.031 (0.787)
0.016 (0.046)
TYP
0.301 (7.645)
0.297 (7.544)
0.094 (2.388)
0.090 (2.286)
0.297 (7.544)
0.293 (7.442)
10° TYP
0.032 (0.813) TYP
0.330 (8.382)
0.326 (8.280)
TYP
0.015
(0.381)
MIN
0.015
(0.381)
0.050 (1.270)
TYP
R
PIN 1
DIMENSIONS:
INCHES (MM)
24-Pin Wide SOP (WM)


유사한 부품 번호 - LM2575-5.0BT

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
LM2575-5.0BT MICREL-LM2575-5.0BT Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BT MICREL-LM2575-5.0BT Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results

유사한 설명 - LM2575-5.0BT

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com