전자부품 데이터시트 검색엔진 |
|
BC548L-X-T92-K 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
BC548L-X-T92-K 데이터시트(HTML) 1 Page - Unisonic Technologies |
1 / 4 page UNISONIC TECHNOLOGIES CO., LTD BC546/547/548 NPN EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., LTD QW-R201-037.D SWITCHING AND AMPLIFIER APPLICATIONS FEATURES * High Voltage: UTC BC546, VCEO=65V UTC BC547 , VCEO=45V UTC BC548 , VCEO=30V TO-92 1 ORDERING INFORMATION Order Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 BC546L-x-T92-B BC546G-x-T92-B TO-92 C B E Tape Box BC546L-x-T92-K BC546G-x-T92-K TO-92 C B E Bulk BC547L-x-T92-B BC547G-x-T92-B TO-92 C B E Tape Box BC547L-x-T92-K BC547G-x-T92-K TO-92 C B E Bulk BC548L-x-T92-B BC548G-x-T92-B TO-92 C B E Tape Box BC548L-x-T92-K BC548G-x-T92-K TO-92 C B E Bulk Note: Pin Assignment: C: Collector B: Base E: Emitter BC546L-x-T92-B (1)Packing Type (2)Package Type (3)Rank (4)Halogen Free (1) B: Tape Box, K: Bulk (2) T92: TO-92 (3) x: refer to CLASSIFICATION OF hFE (4) L: Lead Free, G: Halogen Free MARKING BC546 BC547 BC548 |
유사한 부품 번호 - BC548L-X-T92-K |
|
유사한 설명 - BC548L-X-T92-K |