전자부품 데이터시트 검색엔진 |
|
GS2960A 데이터시트(PDF) 2 Page - Gennum Corporation |
|
GS2960A 데이터시트(HTML) 2 Page - Gennum Corporation |
2 / 99 page GS2960A 3Gb/s, HD, SD SDI Receiver Data Sheet 54384 - 2 September 2012 2 of 99 Both SMPTE 425M Level A and Level B inputs are supported. The GS2960A also provides user-selectable conversion from Level B to Level A for 1080p 50/60 4:2:2 10-bit formats only. In DVB-ASI mode, sync word detection, alignment and 8b/10b decoding is applied to the received data stream. In Data-Through mode all forms of SMPTE and DVB-ASI processing are disabled, and the device can be used as a simple serial to parallel converter. The device can also be placed in a lower power Standby mode. In this mode, no signal processing is carried out and the parallel output is held static. Parallel data outputs are provided in 20-bit or 10-bit multiplexed format for 3Gb/s, HD and SD video rates. For 1080p 50/60 4:2:2 10-bit, the parallel data is output on the 20-bit parallel bus as Y on 10 bits and Cb/Cr on the other 10 bits. As such, this parallel bus can interface directly with video processor ICs. For other SMPTE 425M mapping structures, the video data is mapped to a 20-bit virtual interface as described in SMPTE 425M. In all cases this 20-bit parallel bus can be multiplexed onto 10 bits for a low pin count interface with downstream devices. The associated Parallel Clock input signal operates at 148.5 or 148.5/1.001MHz (for all 3Gb/s HD 10-bit multiplexed modes), 74.25 or 74.25/1.001MHz (for HD 20-bit mode), 27MHz (for SD 10-bit mode) and 13.5MHz (for SD 20-bit mode). Note: for 3Gb/s 10-bit mode the device operates in Dual Data Rate (DDR) mode, where the data is sampled at both the rising and falling edges of the clock. This reduces the I/O speed requirements of the downstream devices. Functional Block Diagram GS2960A Functional Block Diagram Buffer Mux Reclocker with Integrated VCO Serial to Parallel Converter Descramble, Word Align, Rate Detect Flywheel Video Standard Detect TRS Detect Timing Extraction Mux DVB-ASI Decoder Illegal code remap, TRS/ Line Number/ CRS Insertion, EDH Packet Insertion SMPTE 425M ANC/ Checksum /352M Extraction GSPI and JTAG Controller Host Interface DOUT[19:0] Output Mux/ Demux PCLK Crystal Buffer/ Oscillator LF STAT[5:0] I/O Control SDI TERM Buffer SDI SDO SDO 1080p 50/60 4:2:2 10-bit VBG LB_CONT Level B Level A |
유사한 부품 번호 - GS2960A |
|
유사한 설명 - GS2960A |