전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2962 데이터시트(PDF) 8 Page - Gennum Corporation

부품명 GS2962
상세설명  Integrated Narrow-Bandwidth PLL
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2962 데이터시트(HTML) 8 Page - Gennum Corporation

Back Button GS2962 Datasheet HTML 4Page - Gennum Corporation GS2962 Datasheet HTML 5Page - Gennum Corporation GS2962 Datasheet HTML 6Page - Gennum Corporation GS2962 Datasheet HTML 7Page - Gennum Corporation GS2962 Datasheet HTML 8Page - Gennum Corporation GS2962 Datasheet HTML 9Page - Gennum Corporation GS2962 Datasheet HTML 10Page - Gennum Corporation GS2962 Datasheet HTML 11Page - Gennum Corporation GS2962 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
GS2962 3G/HD/SD-SDI Serializer with Complete
SMPTE Video Support
Data Sheet
48005 - 7
October 2010
8 of 82
1.2 Pin Descriptions
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
A1, A2, B1,
B2, B3, C1,
C2, C3, D1,
D2
DIN[19:10]
Input
PARALLEL DATA BUS
Signal levels are LVCMOS / LVTTL compatible.
20-bit mode
20BIT/10BIT = HIGH
Data Stream 1/Luma data input in
SMPTE mode (SMPTE_BYPASS = HIGH)
Data input in data through mode
(SMPTE_BYPASS = LOW)
10-bit mode
20BIT/10BIT = LOW
Multiplexed Data Stream 1/Luma and
Data Stream 2/Chroma data input in
SMPTE mode
(SMPTE_BYPASS = HIGH)
Data input in data through mode
(SMPTE_BYPASS = LOW)
DVB-ASI data input in DVB-ASI mode
(SMPTE_BYPASS = LOW)
(DVB_ASI = HIGH)
A3
F/DE
Synch-
ronous
with
PCLK
Input
PARALLEL DATA TIMING.
Signal levels are LVCMOS / LVTTL compatible.
TIM_861 = LOW:
Used to indicate the ODD / EVEN field of the video signal when
DETECT_TRS is set LOW. The device will set the F bit in all outgoing
TRS signals for the entire period that the F input signal is HIGH
(IOPROC_EN/DIS must also be HIGH).
The F signal should be set HIGH for the entire period of field 2 and
should be set LOW for all lines in field 1 and for all lines in
progressive scan systems.
The F signal is ignored when DETECT_TRS = HIGH.
TIM_861 = HIGH:
The DE signal is used to indicate the active video period when
DETECT_TRS is set LOW. DE is HIGH for active data and LOW for
blanking. See Section 4.3 and Section 4.3.2 for timing details.
The DE signal is ignored when DETECT_TRS = HIGH.


유사한 부품 번호 - GS2962

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2962 SEMTECH-GS2962 Datasheet
2Mb / 82P
   3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
More results

유사한 설명 - GS2962

제조업체부품명데이터시트상세설명
logo
Oscilent Corporation
813-SL140.0M-08 OSCILENT-813-SL140.0M-08_14 Datasheet
249Kb / 2P
   Low Loss Narrow Bandwidth
logo
Analog Devices
3B16 AD-3B16_15 Datasheet
358Kb / 8P
   Narrow Bandwidth Strain Gage Input
REV. 0
3B16-CUSTOM AD-3B16-CUSTOM Datasheet
350Kb / 8P
   Narrow Bandwidth Strain Gage Input
REV. 0
logo
Integrated Device Techn...
ICS87974I IDT-ICS87974I Datasheet
167Kb / 16P
   Fully integrated PLL
ICS87972I-147 IDT-ICS87972I-147 Datasheet
3Mb / 17P
   Fully integrated PLL
87973I-147 IDT-87973I-147 Datasheet
400Kb / 19P
   Fully integrated PLL
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
logo
Bookham, Inc.
LC95A76ULR BOOKHAM-LC95A76ULR Datasheet
213Kb / 4P
   976nm Laser Module Stabilized with Narrow-Bandwidth Grating
logo
List of Unclassifed Man...
SL6600C ETC1-SL6600C Datasheet
175Kb / 4P
   LOW POWER IF/AF PLL CIRCUIT FOR NARROW BAND FM
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com