전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2985 데이터시트(PDF) 1 Page - Gennum Corporation

부품명 GS2985
상세설명  Uses standard 27MHz crystal
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2985 데이터시트(HTML) 1 Page - Gennum Corporation

  GS2985 Datasheet HTML 1Page - Gennum Corporation GS2985 Datasheet HTML 2Page - Gennum Corporation GS2985 Datasheet HTML 3Page - Gennum Corporation GS2985 Datasheet HTML 4Page - Gennum Corporation GS2985 Datasheet HTML 5Page - Gennum Corporation GS2985 Datasheet HTML 6Page - Gennum Corporation GS2985 Datasheet HTML 7Page - Gennum Corporation GS2985 Datasheet HTML 8Page - Gennum Corporation GS2985 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2985
1 of 45
Proprietary & Confidential
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
www.semtech.com
Features
SMPTE 424M, SMPTE 292M and SMPTE 259M-C compliant
Supports DVB-ASI at 270Mb/s
Single supply operation at 3.3V or 2.5V
180mW typical power consumption (210mW with RCO
enabled) at 2.5V
Input signal equalization and output-signal de-emphasis
settings to compensate for board-trace dielectric losses
4:1 input multiplexer patented technology
Choice of dual reclocked data outputs or one reclocked data
output and one clock output
Uses standard 27MHz crystal
Cascadable crystal buffer supports multiple reclockers using
a single crystal
Differential inputs and outputs
support DC coupling to industry-standard differential
logic
on-chip 100Ω differential data input/output termination
selectable 400mVppd or 800mVppd output swing on
each output
seamless interface to other Gennum products
4 wire SPI host interface for device configuration and
monitoring
Standard logic control and status signal levels
Auto and Manual modes for rate selection
Standards indication in Auto mode
Lock Detect Output
Mute, Bypass and Autobypass functions
SD/HD indication output to control GS2978 or GS2988 dual
slew-rate cable drivers
Operating temperature range: -40°C to +85°C
Small footprint QFN package (9mm x 9mm)
Package-compatible with GS2975A
Pb-free and RoHS compliant
Applications
SMPTE 424M, SMPTE 292M and SMPTE 259M-C coaxial
cable serial digital interfaces
Description
The GS2985 is a multi-rate serial digital reclocker designed to
automatically recover the embedded clock from a digital video
signal and retime the incoming video data. It will recover the
embedded clock signal and retime the data from a SMPTE 424M,
SMPTE 292M, or SMPTE 259M-C compliant digital video signal.
A serial host interface provides the ability to configure and
monitor multiple GS2985 devices in a daisy-chain configuration.
Adjustable input trace equalization (EQ) for up to 40” of FR4 trace
losses, and adjustable output de-emphasis (DE) for up to 20” of
FR4 trace losses, can be configured via the host interface.
The GS2985 can operate in either auto or manual rate selection
mode. In Auto mode, the device will automatically detect and lock
onto incoming SMPTE SDI data signals at any supported rate. For
single rate data systems, the GS2985 can be configured to operate
in Manual mode. In both modes, the device requires only one
external crystal to set the VCO frequency when not locked and
provides adjustment free operation.
The GS2985 accepts industry-standard differential input levels
including LVPECL and CML. The differential data and clock
outputs feature selectable output swing via the host interface,
ensuring compatibility with most industry-standard, terminated
differential receivers.
The GS2985 features dual differential outputs. The second output
can be configured to emit either the recovered clock signal or the
re-timed video data. This output can also be disabled to save
power.
In systems which require passing of non-SMPTE data rates, the
GS2985 can be configured to either automatically or manually
enter a bypass mode in order to pass the signal without reclocking.
The GS2985 is Pb-free, and the encapsulation compound does not
contain halogenated flame retardant. This component and all
homogeneous sub-components are RoHS compliant.


유사한 부품 번호 - GS2985

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2985 SEMTECH-GS2985 Datasheet
3Mb / 45P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
More results

유사한 설명 - GS2985

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS2965 GENNUM-GS2965 Datasheet
3Mb / 41P
   Uses standard 27MHz crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2114A TAI-SAW-TZ2114A Datasheet
102Kb / 6P
   HC49SMD 27MHz Crystal Unit
REV. NO.: 1.0
TZ2531A TAI-SAW-TZ2531A Datasheet
435Kb / 6P
   HC49SMD 27MHz Crystal Unit
REV. NO.: 1.0
TZ2507A TAI-SAW-TZ2507A Datasheet
318Kb / 5P
   HC49US 27MHz Crystal Unit
REV. NO.: 1.0
TZ1132A TAI-SAW-TZ1132A Datasheet
339Kb / 6P
   SMD 6.0x3.5 27MHz Crystal Unit
REV. NO.: 2.0
TZ1323B TAI-SAW-TZ1323B Datasheet
174Kb / 8P
   Crystal Unit SMD 2.0x1.6 27MHz
REV. NO.: 5.0
TZ1936A TAI-SAW-TZ1936A Datasheet
171Kb / 8P
   Crystal Unit SMD 2.0x1.6 27MHz
REV. NO.: 4.0
TZ2542A TAI-SAW-TZ2542A Datasheet
209Kb / 8P
   Crystal Unit SMD 3.2x2.5 27MHz
REV. NO.: 1
TW0254A TAI-SAW-TW0254A Datasheet
182Kb / 5P
   SMD 7.0x5.0 27MHz Crystal Oscillator
TZ0462A TAI-SAW-TZ0462A Datasheet
433Kb / 8P
   Crystal Unit SMD 3.2x2.5 27MHz
REV. NO.: 8.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com