전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22316WFU10Z 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL22316WFU10Z
상세설명  Low Noise, Low Power I2C??Bus,128 Taps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22316WFU10Z 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL22316WFU10Z Datasheet HTML 1Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 2Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 3Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 4Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN6186.3
August 14, 2015
Block Diagram
POWER-UP
INTERFACE,
CONTROL
AND
STATUS
LOGIC
I2C
INTERFACE
VCC
RH
GND
RL
RW
SCL
SDA
A0
A1
NON-VOLATILE
REGISTERS
WR
SHDN
Pin Descriptions
MSOP PIN
NUMBER
TDFN PIN
NUMBER
PIN NAME
DESCRIPTION
1
1
SCL
Open drain I2C interface clock input
2
2
SDA
Open drain Serial data I/O for the I2C interface
3
3
A1
Device address input for the I2C interface
4
4
A0
Device address input for the I2C interface
5
5
SHDN
Shutdown active low input
6
6
GND
Device ground pin
7
7
RL
“Low” terminal of DCP
8
8
RW
“Wiper” terminal of DCP
9
9
RH
“High” terminal of DCP
10
10
VCC
Power supply pin
ISL22316


유사한 부품 번호 - ISL22316WFU10Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22316WFU10Z INTERSIL-ISL22316WFU10Z Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22316WFU10Z RENESAS-ISL22316WFU10Z Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

유사한 설명 - ISL22316WFU10Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
   Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com