전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22323UFR16Z 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL22323UFR16Z
상세설명  Low Noise, Low Power, I2C® Bus, 256 Taps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22323UFR16Z 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL22323UFR16Z Datasheet HTML 1Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 2Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 3Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 4Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 5Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 6Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 7Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 8Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN6422.2
August 17, 2015
Absolute Maximum Ratings
Thermal Information
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at any Digital Interface Pin
with Respect to GND . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC+0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +6V
V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -6V to 0.3V
Voltage at any DCP Pin with
respect to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- to VCC
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup . . . . . . . . . . . . . . . . . . . . . . . . . Class II, Level A at +125°C
ESD
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .350V
Thermal Resistance (Typical, Note 3)
JA (°C/W) JC (°C/W)
14 Lead TSSOP . . . . . . . . . . . . . . . . . .
105
N/A
16 Lead QFN (Note 4) . . . . . . . . . . . . .
39
3.0
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Full Industrial) . . . . . . . . . . . .-40°C to +125°C
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15mW
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.25V to 5.5V
V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.25V to -5.5V
Max Wiper Current Iw . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±3.0mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
3.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Analog Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 21)
TYP
(Note 5)
MAX
(Note 21)
UNIT
RTOTAL
RHi to RLi Resistance
W option
10
k
U option
50
k
T option
100
k
RHi to RLi Resistance Tolerance
-20
+20
%
End-to-End Temperature Coefficient
W option
±85
ppm/°C
U, T option
±45
ppm/°C
VRHi, VRLi
DCP Terminal Voltage
VRH and VRL to GND
V-
VCC
V
RW
Wiper Resistance
RH - floating, VRL = V-, force Iw current to
the wiper, IW = (VCC - VRL)/RTOTAL
70
250
CH/CL/CW
(Note 19)
Potentiometer Capacitance
See Macro Model below.
10/10/25
pF
ILkgDCP
Leakage on DCP Pins
Voltage at pin from V- to VCC
0.1
1
µA
VOLTAGE DIVIDER MODE (V- @ RLi; VCC @ RHi; measured at RWi, unloaded)
INL
(Note 10)
Integral Non-linearity
Monotonic Over All Tap Positions
W option
-1.5
±0.5
1.5
LSB
(Note 6)
U, T option
-1.0
±0.2
1.0
LSB
(Note 6)
DNL
(Note 9)
Differential Non-linearity
Monotonic Over All Tap Positions
W option
-1.0
±0.4
1.0
LSB
(Note 6)
U, T option
-0.5
±0.15
0.5
LSB
(Note 6)
ZSerror
(Note 7)
Zero-scale Error
W option
0
1
5
LSB
(Note 6)
U, T option
0
0.5
2
FSerror
(Note 8)
Full-scale Error
W option
-5
-1
0
LSB
(Note 6)
U, T option
-2
-1
0
VMATCH
(Note 11, 19)
DCP-to-DCP Matching
Wipers at the same tap position, the same
voltage at all RH terminals and the same
voltage at all RL terminals
-2
2
LSB
(Note 6)
ISL22323


유사한 부품 번호 - ISL22323UFR16Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22323UFR16Z INTERSIL-ISL22323UFR16Z Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22323UFR16Z RENESAS-ISL22323UFR16Z Datasheet
1Mb / 19P
   Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
More results

유사한 설명 - ISL22323UFR16Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com