전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22343UFR20Z 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL22343UFR20Z
상세설명  Low Noise, Low Power, I2C Bus, 256 Taps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22343UFR20Z 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL22343UFR20Z Datasheet HTML 1Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 2Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 3Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 4Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 5Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 6Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 7Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 8Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
FN6423.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) and XDCP are registered trademarks of Intersil Americas LLC
Copyright Intersil Americas LLC 2007, 2008, 2015. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL22343
Quad Digitally Controlled Potentiometer (XDCP™)
Low Noise, Low Power, I2C Bus, 256 Taps
The ISL22343 integrates four digitally controlled
potentiometers (DCP), control logic and non-volatile memory
on a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. The potentiometer has an associated
volatile Wiper Register (WRi) and a non-volatile Initial Value
Register (IVRi) that can be directly written to and read by the
user. The contents of the WRi control the position of the
corresponding wiper. At power up the device recalls the
contents of the DCP’s IVRi to the correspondent WRi.
The ISL22343 also has 11 general purpose non-volatile
registers that can be used as storage of lookup table for
multiple wiper position or any other valuable information.
The ISL22343 features a dual supply, that is beneficial for
applications requiring a bipolar range for DCP terminals
between V- and VCC.
Each DCP can be used as three-terminal potentiometers or
as two-terminal variable resistors in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Four potentiometers in one package
• 256 resistor taps
•I2C serial interface
- Three address pins, up to eight devices per bus
• Non-volatile EEPROM storage of wiper position
• 11 General Purpose non-volatile registers
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T
55°C
• Wiper resistance: 70
 typical @ 1mA
• Standby current <4µA max
• Shutdown current <4µA max
• Dual power supply
- VCC = 2.25V to 5.5V
- V- = -2.25V to -5.5V
•10k
 50kor 100k total resistance
• Extended industrial temperature range: -40°C to +125°C
• 20 Ld TSSOP or 20 Ld QFN
• Pb-free (RoHS compliant)
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
RESISTANCE
OPTION
(k
)
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL22343TFV20Z
(No longer available, recommended replacement: ISL22343WFR20Z-TK)
22343 TFVZ
100
-40 to +125 20 Ld TSSOP M20.173
ISL22343TFR20Z
(No longer available, recommended replacement: ISL22343WFR20Z-TK
22343 TFRZ
100
-40 to +125 20 Ld QFN
L20.5x5
ISL22343UFV20Z
(No longer available, recommended replacement: ISL22343WFR20Z-TK
22343 UFVZ
50
-40 to +125 20 Ld TSSOP M20.173
ISL22343UFR20Z
(No longer available, recommended replacement: ISL22343WFR20Z-TK
22343 UFRZ
50
-40 to +125 20 Ld QFN
L20.5x5
ISL22343WFV20Z
22343 WFVZ
10
-40 to +125 20 Ld TSSOP M20.173
ISL22343WFR20Z
22343 WFRZ
10
-40 to +125 20 Ld QFN
L20.5x5
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
2. Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications
Data Sheet
August 17, 2015


유사한 부품 번호 - ISL22343UFR20Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22343UFR20Z INTERSIL-ISL22343UFR20Z Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22343UFR20Z RENESAS-ISL22343UFR20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
More results

유사한 설명 - ISL22343UFR20Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com