전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC3468 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 2SC3468
상세설명  HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3468 데이터시트(HTML) 2 Page - Unisonic Technologies

  2SC3468_15 Datasheet HTML 1Page - Unisonic Technologies 2SC3468_15 Datasheet HTML 2Page - Unisonic Technologies 2SC3468_15 Datasheet HTML 3Page - Unisonic Technologies 2SC3468_15 Datasheet HTML 4Page - Unisonic Technologies 2SC3468_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC3468
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R208-037.B
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-to-Base Voltage
VCBO
300
V
Collector-to-Emitter Voltage
VCEO
300
V
Emitter-to-Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
Collector Current (Pulse)
ICP
200
mA
Collector Dissipation
PC
1.0
W
Junction Temperature
TJ
0 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +125
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0
°C ~70°C operating temperature
range and assured by design from –20
°C ~85°C.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cutoff Current
ICBO
VCB = 200V, IE = 0
0.1
µA
Emitter Cutoff Current
IEBO
VEB = 4V, IC = 0
0.1
µA
DC Current Gain
hFE
VCE = 10V, IC = 10mA
40
320
Gain-Bandwidth Product
fT
VCE = 30V, IC = 10mA
150
MHz
Collector-to-Emitter Saturation Voltage
VCE (sat)
IC = 20mA, IB = 2mA
0.6
V
Base-to-Emitter Saturation Voltage
VBE (sat)
IC = 20mA, IB = 2mA
1.0
V
Collector-to-Base Breakdown Voltage
V(BR) CBO
IC = 10µA, IE = 0
300
V
Collector-to-Emitter Breakdown Voltage
V(BR) CEO
IC = 1mA, RBE = ∞
300
V
Emitter-to-Base Breakdown Voltage
V(BR) EBO
IE = 10µA, IC = 0
5
V
Output Capacitance
Cob
VCB = 30V, f = 1MHz
2.6
pF
Reverse Transfer Capacitance
Cre
VCB = 30V, f = 1MHz
1.8
pF
CLASSIFICATION of hFE
RANK
C
D
E
F
RANGE
40 ~ 80
60 ~ 120
100 ~ 200
160 ~ 320


유사한 부품 번호 - 2SC3468_15

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SC3468 SANYO-2SC3468 Datasheet
119Kb / 4P
   High-Definition CRT Display, Video Output Applications???
2SC3468 SANYO-2SC3468 Datasheet
183Kb / 3P
   Transistors for TV Display Video Output Use
logo
Unisonic Technologies
2SC3468 UTC-2SC3468 Datasheet
130Kb / 3P
   HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
More results

유사한 설명 - 2SC3468_15

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE154 NTE-NTE154 Datasheet
23Kb / 2P
   Silicon NPN Transistor High Voltage Video Output
logo
Unisonic Technologies
2SC3468 UTC-2SC3468 Datasheet
130Kb / 3P
   HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
logo
NTE Electronics
NTE227 NTE-NTE227 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage Amp, Video Output
NTE228A NTE-NTE228A Datasheet
23Kb / 2P
   Silicon NPN Transistor High Voltage Amp, Video Output
NTE2501 NTE-NTE2501 Datasheet
21Kb / 2P
   Silicon Complementary Transistors High Voltage for Video Output
logo
New Jersey Semi-Conduct...
D40N NJSEMI-D40N Datasheet
319Kb / 1P
   Silicon Power lan iransistors High Voltage Video Output Transistor
logo
NTE Electronics
NTE2521 NTE-NTE2521 Datasheet
21Kb / 2P
   Silicon NPN Transistor Video Output for HDTV
NTE2507 NTE-NTE2507 Datasheet
18Kb / 1P
   Silicon NPN Transistor High Frequency Video Output
logo
Hitachi Semiconductor
2SC1514 HITACHI-2SC1514 Datasheet
43Kb / 1P
   HIGH FREQUENCY HIGH VOLTAGE AMPLIFIER TV VIDEO OUTPUT
2SC2278 HITACHI-2SC2278 Datasheet
38Kb / 1P
   HIGH FREQUENCY HIGH VOLTAGE AMPLIFIER TV VIDEO OUTPUT
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com