전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59960-Catx-EVZ 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL59960-Catx-EVZ
상세설명  960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59960-Catx-EVZ 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL59960-Catx-EVZ Datasheet HTML 6Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 7Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 8Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 9Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 10Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 11Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 12Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 13Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ISL59960
10
FN8358.0
December 18, 2012
Application Information
Unshielded Twisted Pair (UTP) Application
Circuit
Figure 9 shows the complete schematic for a 960MegaQ™
equalizer configured for unshielded twisted pair (UTP) cable. The
input signal is terminated into the network formed by R1, R2,
and R3. C1 and C2 AC-couple the signal into 960MegaQ™. To
protect the front-end circuitry, 5V transorbs (Z1 and Z2) should be
used instead of diodes because the signals on either differential
input may swing far enough below ground to turn on a diode and
distort the video.
On the output side, C5, R5, and C4 form a compensation
network, while R6 provides 75Ω source-termination for the video
output. 960MegaQ™ has an native gain of 6dB, so when VIDEO
OUT is terminated into 75Ω (the input to a DVR, TV, etc.), R6 and
the 75Ω terminator form a 2:1 divider, producing standard video
amplitude across the 75Ω terminator.
Coax Input Circuit
Figure 10 shows the input termination recommended for coaxial
cables. The differential termination resistance is now 75Ω to
match the characteristic impedance of the RG-59 coax cable. C3
bypasses high-frequency noise on the coax ground line to system
ground. This allows the coax ground to be independent of the
system at low frequencies (DC to 50/60Hz) to accommodate
differences in the ground potential of the remote video source(s).
The coax startup network (D1, R4, C4) prevents a rare start-up
condition that can occur when a high average-picture-level (e.g.,
white screen) video signal is present on the inputs before the
power has been applied.
Dual UTP/Coax Input Circuit
If desired, it is also possible to support both UTP and coax cables
with the same PCB layout using two SPST switches that are
closed when in coax mode (Figure 11). Since UTP requires a
100Ω termination network while coax requires 75Ω, a switch to
introduce a shunt 300Ω resistor when in coax mode will change
the termination from 100Ω to 75Ω. A second switch is required
to engage C3. The addition of the coax startup circuit (D1, R4,
C4) can unbalance the capacitance of the differential pair and
degrade the CMRR in UTP applications. This in turn could cause
excess noise at long lengths of UTP. In UTP applications, if the
output signal is too noisy at long distances, an optional capacitor
Cx may be used to balance the capacitance of the differential
inputs. The value of Cx should be determined by calculating how
much trace capacitance is added by the coax startup circuit. A
typical value for a good layout is ~5pF. Note that only coax or UTP
should be connected at any one time - this circuit does not
multiplex between them.
Using the ISL59960 with Steel Core Coax
Although the ISL59960 was designed for copper based cables, it
is capable of equalizing signals for coaxial applications that use
steel core cabling. Due to the higher DC and low-band resistance
of this cable type, the ISL59960 will not equalize to the same
distance as copper based cables. See Table 1 on page 9 for
maximum equalization distances.
Input Multiplexing
Placing a semiconductor multiplexer in front of this part may
increase high frequency attenuation and noise. However, a
low-capacitance mechanical relay may be acceptable. Note that
changing from one channel to another in Lock Until Reset mode
will require a reset (INVERT toggle) to trigger equalization of the
new channel (see “Lock Until RESET” on page 10).
For best performance, do not multiplex the inputs to the
equalizer - this can further degrade the signal. Instead, multiplex
at the output after equalization has been performed.
Stand-Alone Operation and Configuration
In its default stand-alone configuration, 960MegaQ™ features
two modes of automatic cable equalization: Lock Until Reset and
Continuous Update. Lock Until Reset is the recommended mode
for most applications.
LOCK UNTIL RESET
In the Lock Until Reset mode, once 960MegaQ™ finds the
optimum equalization and the LOCKED signal goes high, the
equalization is frozen and will not change until either the power
is cycled or the INVERT signal is toggled, which initiates a
re-equalization of the input signal. Re-equalization is usually only
necessary during device/system evaluation - in normal operation
960MegaQ™ powers-up, acquires and equalizes the signal, and
continues to equalize until/unless it is powered-down. If the
signal is lost in Lock Until Reset mode, the LOCKED pin will not
FIGURE 10. APPLICATION CIRCUIT FOR COAX CABLE
IN-
GND
IN+
1.0µF
37.5
Ω
1k
Ω
1.0µF
37.5
Ω
0.1µF
VCC
0.1µF
10k
Ω
960MegaQTM
R1
R2
R3
C1
C2
C3
R4
C4
D1
5V
TVS
Z2
Z1
5V
TVS
TVS = Transient Voltage Suppressor
a.k.a. Transorb
FIGURE 11. APPLICATION CIRCUIT FOR UTP/COAX CABLE
IN-
GND
IN+
1.0µF
49.9
Ω
1k
Ω
1.0µF
49.9
Ω
0.1µF
VCC
0.1µF
10k
Ω
960MegaQTM
300
Ω
Close all switches for
Coax
R1
R2
R3
C1
C2
C3
R4
C4
D1
SW1A
R5
SW1B
5V
TVS
Z2
Z1
5V
TVS
UTP IN+
UTP IN-
COAX
Cx*
*optional
5.6pF
TVS = Transient Voltage Suppressor
a.k.a. Transorb


유사한 부품 번호 - ISL59960-Catx-EVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59960-Catx-EVZ INTERSIL-ISL59960-Catx-EVZ Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960-Catx-EVZ RENESAS-ISL59960-Catx-EVZ Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
More results

유사한 설명 - ISL59960-Catx-EVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
logo
Pericom Semiconductor C...
PI7VD9008ABH PERICOM-PI7VD9008ABH Datasheet
1Mb / 73P
   Adaptive EQ 8-channel 960H Video Decoder
PI7VD9004ABH PERICOM-PI7VD9004ABH Datasheet
1Mb / 53P
   Adaptive EQ 4-channel 960H Video Decoder
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com