전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59960-SPI-EVZ 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL59960-SPI-EVZ
상세설명  960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59960-SPI-EVZ 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL59960-SPI-EVZ Datasheet HTML 7Page - Intersil Corporation ISL59960-SPI-EVZ Datasheet HTML 8Page - Intersil Corporation ISL59960-SPI-EVZ Datasheet HTML 9Page - Intersil Corporation ISL59960-SPI-EVZ Datasheet HTML 10Page - Intersil Corporation ISL59960-SPI-EVZ Datasheet HTML 11Page - Intersil Corporation ISL59960-SPI-EVZ Datasheet HTML 12Page - Intersil Corporation ISL59960-SPI-EVZ Datasheet HTML 13Page - Intersil Corporation ISL59960-SPI-EVZ Datasheet HTML 14Page - Intersil Corporation ISL59960-SPI-EVZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISL59960
11
FN8358.0
December 18, 2012
go low until/unless the device is reset by toggling the INVERT pin.
A reset should only be necessary if the length or type of cable
was changed without cycling power.
To enable the Lock Until Reset mode, tie the LOCKED output pin
to the FREEZE input pin as shown in Figure 9 on page 9.
To generate a reset (and trigger a re-equalization), toggle the
external INVERT pin. Depending on the initial state of INVERT,
this would be a high-low-high or low-high-low sequence.
CONTINUOUS UPDATE
In the Continuous Update mode, 960MegaQ™ will continuously
try to find the optimum equalization solution. When the
equalization has settled for 100 sequential video lines with no
changes, the LOCKED pin will go high. However, once lock is
achieved, noise and average-picture-level changes may cause the
device to unlock, causing some image perturbation while
960MegaQ™ re-equalizes.
The Continuous Update mode is enabled whenever the FREEZE
pin is set to a logic low (grounded).
Polarity Detection and Correction
960MegaQ™ features polarity detection and correction,
automatically detecting incorrectly-wired input signals and
inverting the signal inside the IC as necessary. The detected
polarity is indicated by the state of the INVERT pin.
The INVERT pin has 2 modes of operation. It is typically used to
indicate whether or not the incoming signal is inverted (the “+”
signal on the “-” input and vice-versa). The state of the invert
signal is then used to tell the signal processing logic whether or
not to invert the signal in the signal path.
A logic high on INVERT indicates that the positive differential
input signal is on IN- (pin 5) and the negative differential input
signal is on IN+ (pin 3). A logic low indicates nominal polarity.
However, the unique design of the INVERT I/O pin (Figure 12)
also allows 960MegaQ™’s internal inversion detector to be
overdriven externally, forcing 960MegaQ™ to invert or not invert
the signal regardless of the state of the inversion detection
function. This is not necessary in normal operation, but it may
improve performance in particularly noisy environments when
the polarity of the signal is guaranteed to be correct.
The COLOR Pin
The color pin has 2 modes of operation. It is typically used to
indicate whether or not the incoming signal has a colorburst or
not. The state of the color signal is then used to tell the signal
processing logic whether or not it can rely on the presence of a
colorburst signal. A logic high indicates a color signal; a logic low
indicates monochrome.
However, the unique design of the COLOR I/O pin (Figure 13) also
allows 960MegaQ™’s internal color detector to be overdriven
externally. This is not necessary in normal operation, but it may
improve performance in particularly noisy environments when
the signal type is predetermined.
Monochrome Video Signals
960MegaQ™ will equalize monochrome signals to the same
distance as color signals. However, due to the high level of noise
past ~3500 feet, the COLOR and LOCKED indicators may
become invalid for monochrome signals. The device will still
equalize properly if this occurs.
Security Cameras
960MegaQ™ is ideal for security camera installations.
The automatic adaptive equalizer doesn't need any active silicon
on the transmit side of the cable, enabling upgrading of older
installations without having to touch the installed camera base,
including older monochrome cameras.
960MegaQ™ automatically adjusts for wiring polarity errors as
well as for optimum image quality. These features eliminate the
need for the installer to make any adjustments.
With an extended equalization range of 4000ft, the ISL59960
enables cameras to be placed in even more remote locations,
enabling coverage of up to three square miles from a single
monitoring station.
Additional Equalization Modes Available
With the Serial Interface
In addition to the Lock Until Reset and Continuous Update
modes, software control of 960MegaQ™ through the SPI
interface adds a Lock Until Signal Loss mode and a Manual
Equalization mode.
Note: When controlling 960MegaQ™ through the SPI interface,
the external FREEZE pin must be tied to ground (logic low).
Failure to keep FREEZE at a logic low will prevent the software
controls from working properly.
INVERSION
DETECTION
LOGIC
13k
Ω
ISL59960
SIGNAL
PROCESSING
INVERT
PIN
FIGURE 12. INVERT PIN STRUCTURE
COLOR
DETECTION
LOGIC
13k
Ω
ISL59960
SIGNAL
PROCESSING
COLOR
PIN
FIGURE 13. COLOR PIN STRUCTURE


유사한 부품 번호 - ISL59960-SPI-EVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59960-SPI-EVZ INTERSIL-ISL59960-SPI-EVZ Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960-SPI-EVZ RENESAS-ISL59960-SPI-EVZ Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
More results

유사한 설명 - ISL59960-SPI-EVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
logo
Pericom Semiconductor C...
PI7VD9008ABH PERICOM-PI7VD9008ABH Datasheet
1Mb / 73P
   Adaptive EQ 8-channel 960H Video Decoder
PI7VD9004ABH PERICOM-PI7VD9004ABH Datasheet
1Mb / 53P
   Adaptive EQ 4-channel 960H Video Decoder
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com