전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISLA112P25MREP 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISLA112P25MREP
상세설명  Low Power 12-Bit, 250MSPS ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA112P25MREP 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISLA112P25MREP Datasheet HTML 3Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 4Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 5Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 6Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 7Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 8Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 9Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 10Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ISLA112P25M
7
FN7646.1
November 17, 2011
AC SPECIFICATIONS (Note 9)
Differential Nonlinearity
DNL
±0.3
LSB
Integral Nonlinearity
INL
±0.8
LSB
Minimum Conversion Rate (Note 8)
fS MIN
40
MSPS
Maximum Conversion Rate
fS MAX
250
MSPS
Signal-to-Noise Ratio (Note 5)
SNR
fIN = 10MHz
66.1
dBFS
fIN = 105MHz
66.1
dBFS
fIN = 190MHz
65.9
dBFS
fIN = 364MHz
65.4
dBFS
fIN = 695MHz
63.8
dBFS
fIN = 995MHz
62.6
dBFS
Signal-to-Noise and Distortion
SINAD fIN = 10MHz
65.3
dBFS
fIN = 105MHz
65.3
dBFS
fIN = 190MHz
64.6
dBFS
fIN = 364MHz
63.9
dBFS
fIN = 695MHz
56.9
dBFS
fIN = 995MHz
49.6
dBFS
Effective Number of Bits
ENOB
fIN = 10MHz
10.6
Bits
fIN = 105MHz
10.6
Bits
fIN = 190MHz
10.4
Bits
fIN = 364MHz
10.3
Bits
fIN = 695MHz
9.2
Bits
fIN = 995MHz
7.9
Bits
Spurious-Free Dynamic Range
SFDR
fIN = 10MHz
83.0
dBc
fIN = 105MHz
87
dBc
fIN = 190MHz
79.4
dBc
fIN = 364MHz
76.1
dBc
fIN = 695MHz
60.6
dBc
fIN = 995MHz
50.7
dBc
Intermodulation Distortion
IMD
fIN = 70MHz
-85.7
dBFS
fIN = 170MHz
-97.1
dBFS
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V,
OVDD = 1.8V, TA = -55°C to +125°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = Maximum Conversion Rate (per
speed grade). (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4) UNITS


유사한 부품 번호 - ISLA112P25MREP

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Renesas Technology Corp
ISLA112P25MREP RENESAS-ISLA112P25MREP Datasheet
891Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
More results

유사한 설명 - ISLA112P25MREP

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
logo
Renesas Technology Corp
ISLA112P25M RENESAS-ISLA112P25M Datasheet
891Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com