전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4930 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LM4930
상세설명  LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM4930 데이터시트(HTML) 2 Page - Texas Instruments

  LM4930_15 Datasheet HTML 1Page - Texas Instruments LM4930_15 Datasheet HTML 2Page - Texas Instruments LM4930_15 Datasheet HTML 3Page - Texas Instruments LM4930_15 Datasheet HTML 4Page - Texas Instruments LM4930_15 Datasheet HTML 5Page - Texas Instruments LM4930_15 Datasheet HTML 6Page - Texas Instruments LM4930_15 Datasheet HTML 7Page - Texas Instruments LM4930_15 Datasheet HTML 8Page - Texas Instruments LM4930_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MIC_BIAS
MIC_N
MIC_P
MIC_REF
AVDD_LS
DAC_REF
BYPASS
SDA
SCL
PCM_SYNC
NC
LS-
LS-
LS+
LS+
AVDD_HP
HPSENSE_OUT
HPSENSE_IN
DGND_D
XTAL_OUT
MCLK/XTAL_IN
DVDD_D
13
2
1
AVDD_MIC
ADDR
3
5
4
9
8
7
6
12
11
10
23
22
21
20
19
18
17
16
15
14
34
33
32
31
30
29
28
27
26
25
24
44
35
36
37
38
39
40
41
42
43
power up circuits
suppression and
Click and pop
Power Management and Control
CTRL
XTAL
OSC
CIRCUIT
REFERENCE
Headphones
2 x 25 mW
HPR
HPL
MIC+
MIC-
LS+
LS-
Microphone
Speaker
MIXER
AB
AB
AB
HP SENSE OUT
HP SENSE IN
MIC BIAS
MIC_REF
BYPASS CAP
DAC_REF
LPF
LPF
ADC
DAC
DAC
STEREO
+
16
16
16
16
I2S
PCM
48 kHz
Input
8 kHz
InOut
IRQ
SDA
SCL
ADDR
PCMSYNC
PCMCLK
PCMSDI
PCMSDO
I2SSDI
I2SWS
I2SCLK
1M
22 pF
22 pF
XTAL _ IN
XTAL _ OUT
LM4930
SNAS212C – JULY 2003 – REVISED MAY 2013
www.ti.com
Typical Application
Figure 1. Typical I2S + Voice Codec Application Circuit for Mobile Phones
Connection Diagrams
Top View
Top View
Figure 2. 36 - Bump DSBGA Package
Figure 3. 44 - Lead WQFN Package
See Package Number YZR0036KRA
See Package Number NJN0044A
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4930


유사한 부품 번호 - LM4930_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results

유사한 설명 - LM4930_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
National Semiconductor ...
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com