전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD237 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 BD237
상세설명  80V, NPN TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BD237 데이터시트(HTML) 2 Page - Unisonic Technologies

  BD237_15 Datasheet HTML 1Page - Unisonic Technologies BD237_15 Datasheet HTML 2Page - Unisonic Technologies BD237_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD237
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R226-001.C
ABSOLUTE MAXIMUM RATINGS (T
A=25
°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Continuous Collector Current
IC
2
A
Collector Dissipation
PC
1.25
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65~150
°C
Note: Absolute maximum ratings are stress ratings only and functional device operation is not implied. Absolute
maximum ratings are those values beyond which the device could be permanently damaged.
ELECTRICAL CHARACTERISTICS (T
A =25
°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=1mA, IE=0
100
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=100mA, IB=0
80
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
5
V
Collector Cut-Off Current
ICBO
VCB=100V, IE=0
100
µA
Emitter Cut-Off Current
IEBO
VEB=5V, IC=0
1
mA
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=100mA
0.6
V
hFE (1)
IC=150mA,VCE=2V
40
DC Current Gain
hFE (2)
IC=1A,VCE=2V
25
Transition Frequency
fT
IC=250mA, VCE=10V, f=10MHz
3
MHz


유사한 부품 번호 - BD237_15

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
BD237-S CDIL-BD237-S Datasheet
74Kb / 3P
   NPN EPITAXIAL SILICON POWER TRANSISTOR
logo
Nanjing International G...
BD237-TU DGNJDZ-BD237-TU Datasheet
2Mb / 5P
   TO-126 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
BD2378 UTC-BD2378 Datasheet
96Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BD2378G-K08-5060-R UTC-BD2378G-K08-5060-R Datasheet
96Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BD2378G-K08-5060-R UTC-BD2378G-K08-5060-R Datasheet
105Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE
More results

유사한 설명 - BD237_15

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BD237 UTC-BD237 Datasheet
113Kb / 3P
   80V, NPN TRANSISTORS
logo
Diodes Incorporated
BCX5616Q DIODES-BCX5616Q_15 Datasheet
505Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
BCX5616Q DIODES-BCX5616Q Datasheet
426Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
logo
Nexperia B.V. All right...
BC54PAS NEXPERIA-BC54PAS Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
BC54PAS_SER NEXPERIA-BC54PAS_SER Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
logo
Rohm
2SAR554P ROHM-2SAR554P_09 Datasheet
244Kb / 5P
   Midium Power Transistors (-80V / -1.5A)
2SAR514R ROHM-2SAR514R Datasheet
372Kb / 6P
   Midium Power Transistors (-80V / -0.7A)
2SCR514R ROHM-2SCR514R Datasheet
347Kb / 6P
   Midium Power Transistors (80V / 0.7A)
2SCR554R ROHM-2SCR554R Datasheet
442Kb / 6P
   Midium Power Transistors (80V / 1.5A)
2SAR544D ROHM-2SAR544D Datasheet
408Kb / 6P
   Midium Power Transistors (-80V / -2.5A)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com