전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL3179EFUZ 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL3179EFUZ
상세설명  High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3179EFUZ 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL3179EFUZ Datasheet HTML 2Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 3Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 4Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 5Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 6Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 7Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 8Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 9Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL3179E, ISL3180E
6
FN6365.5
August 25, 2015
Submit Document Feedback
Receiver Output Low Voltage
VOL
IO = +10mA, VID = -200mV
Full
-
-
0.4
V
Receiver Output Low Current
IOL
VOL = 1V, VID = -200mV
Full
25
--
mA
Three-state (high impedance)
Receiver Output Current
IOZR
0.4V ≤ VO ≤ 2.4V
Full
-1
0.015
1
µA
Receiver Input Resistance
RIN
-7V ≤ VCM ≤ 12V
Full
54
80
-
Receiver Short-circuit Current
IOSR
0V ≤ VO ≤ VCC
Full
±20
-
±110
mA
SUPPLY CURRENT
No-load Supply Current (Note 8)ICC
DI = DE = 0V or VCC
Full
-
2.6
4
mA
Shutdown Supply Current
ISHDN
DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
0.05
1
µA
ESD PERFORMANCE
RS-485 Pins (A/Y, B/Z)
ISL3179E Only
IEC61000-4-2, Air-gap Discharge Method
25
-
±16.5
-
kV
IEC61000-4-2, Contact Discharge Method
25
-
±9
-
kV
Human Body Model, from bus pins to GND
25
-
±16.5
-
kV
All Pins
ISL3179E Only
Human Body Model, per JEDEC
25
-
>±9
-
kV
Machine Model, per JEDEC
25
-
>±400
-
V
RS-485 Pins (A, B, Y, Z)
ISL3180E Only
IEC61000-4-2, Air-gap Discharge Method
25
-
±4
-
kV
IEC61000-4-2, Contact Discharge Method
25
-
±5
-
kV
Human Body Model, from bus pins to GND
25
-
±12
-
kV
All Pins
ISL3180E Only
Human Body Model, per JEDEC
25
-
±3
-
kV
Machine Model, per JEDEC
25
-
±150
-
V
DRIVER SWITCHING CHARACTERISTICS
Maximum Data Rate
fMAX
VOD ≥ ±1.5V, RD = 54Ω, CL = 100pF (Figure 7)Full
40
60
-
Mbps
Driver Differential Output Delay
tDD
RD = 54Ω, CD = 50pF (Figure 5)Full
-
11
16
ns
Prop Delay Part-to-part Skew
tSKP-P
RD = 54Ω, CD = 50pF (Figure 5), (Note 15)Full
-
-
4
ns
Driver Differential Output Skew
tSKEW
RD = 54Ω, CD = 50pF (Figure 5)Full
-
0
1.5
ns
Driver Differential Rise or Fall Time
tR, tF
RD = 54Ω, CD = 50pF (Figure 5)Full
-
4
7
ns
Driver Enable to Output High
tZH
RL = 110Ω, CL = 50pF, SW = GND (Figure 6),
(Note 10)
Full
-
18
25
ns
Driver Enable to Output Low
tZL
RL = 110Ω, CL = 50pF, SW = VCC (Figure 6),
(Note 10)
Full
-
16
25
ns
Driver Disable from Output High
tHZ
RL = 110Ω, CL = 50pF, SW = GND (Figure 6)Full
-
15
25
ns
Driver Disable from Output Low
tLZ
RL = 110Ω, CL = 50pF, SW = VCC (Figure 6)Full
-
18
25
ns
Time to Shutdown
tSHDN
(Note 12)Full
60
-
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 110Ω, CL = 50pF, SW = GND (Figure 6),
(Notes 12, 13)
Full
-
-
1000
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 110Ω, CL = 50pF, SW = VCC (Figure 6),
(Notes 12, 13)
Full
-
-
1000
ns
RECEIVER SWITCHING CHARACTERISTICS
Maximum Data Rate
fMAX
VID = ±1.5V
Full
40
60
-
Mbps
Receiver Input to Output Delay
tPLH, tPHL Figure 8
Full
-
10
16.5
ns
Prop Delay Part-to-part Skew
tSKP-P
Figure 8, Note 15
Full
-
-
4
ns
Electrical Specifications Test Conditions: VCC = 3.0V to 3.6V; Typicals are at VCC = 3.3V, TA = +25°C. Boldface limits apply across the
operating temperature range. (Note 7) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 17)TYP
MAX
(Note 17)UNIT


유사한 부품 번호 - ISL3179EFUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3179EFUZ INTERSIL-ISL3179EFUZ Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179EFUZ RENESAS-ISL3179EFUZ Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results

유사한 설명 - ISL3179EFUZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com