전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL3332IAZ 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL3332IAZ
상세설명  3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3332IAZ 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL3332IAZ Datasheet HTML 7Page - Intersil Corporation ISL3332IAZ Datasheet HTML 8Page - Intersil Corporation ISL3332IAZ Datasheet HTML 9Page - Intersil Corporation ISL3332IAZ Datasheet HTML 10Page - Intersil Corporation ISL3332IAZ Datasheet HTML 11Page - Intersil Corporation ISL3332IAZ Datasheet HTML 12Page - Intersil Corporation ISL3332IAZ Datasheet HTML 13Page - Intersil Corporation ISL3332IAZ Datasheet HTML 14Page - Intersil Corporation ISL3332IAZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
FN6362.0
May 27, 2008
Test Circuits and Waveforms
FIGURE 1. RS-485 DRIVER VOD AND VOC TEST CIRCUIT
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. RS-485 DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
D
DE
DY
VCC
VOD
VOC
R
R
Y
Z
RD
D
DE
DY
VCC
SIGNAL
GENERATOR
CL = 100pF
RDIFF
Y
Z
CL = 100pF
OUT (Z)
3V
0V
tPLH
1.5V
1.5V
VOH
VOL
50%
50%
tPHL
OUT (Y)
tPHL
VOH
VOL
50%
50%
tPLH
DIFF OUT (Z - Y)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DY
SKEW = |tPLH (Y or Z) - tPHL (Z or Y)|
0V
0V
tDHL
tDLH
ISL3332, ISL3333


유사한 부품 번호 - ISL3332IAZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3332IAZ RENESAS-ISL3332IAZ Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

유사한 설명 - ISL3332IAZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com