전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL26712IRTZ-T7A 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL26712IRTZ-T7A
상세설명  12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26712IRTZ-T7A 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL26712IRTZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL26712IRTZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL26712IRTZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL26712IRTZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL26712IRTZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL26712IRTZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL26712IRTZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL26712IRTZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL26712IRTZ-T7A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISL26712, ISL26710, ISL26708
8
FN7999.3
September 5, 2012
12 BIT SDATA
tCSW
tCDV
tCSS
tCONV
tQUIET
tSW
tCLKDV
tACQ
10 BIT SDATA
12
34
5
6
7
8
9
10
11
12
13
14
15
16
00
0D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
0
D7D6
D5D4
D3
D2
D1
D0
HI-Z
tACQ
tACQ
8 BIT SDATA
HI-Z
HI-Z
0
0
0
tDISABLE
FIGURE 3. SERIAL INTERFACE TIMING DIAGRAM
FIGURE 4. EQUIVALENT LOAD CIRCUIT
OUTPUT PIN
CL
10pF
VDD
2.85k
RL


유사한 부품 번호 - ISL26712IRTZ-T7A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL26712IRTZ-T7A INTERSIL-ISL26712IRTZ-T7A Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712IRTZ-T7A RENESAS-ISL26712IRTZ-T7A Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results

유사한 설명 - ISL26712IRTZ-T7A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Linear Technology
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com