전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL41334IRZ-T 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL41334IRZ-T
상세설명  ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334IRZ-T 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL41334IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL41334IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
FN6202.3
ISL81334, ISL41334
±
15kV ESD Protected, 5V, Two Port, Dual
Protocol (RS-232/RS-485) Transceivers
The ISL81334, ISL41334 are two port interface ICs where
each port can be independently configured as a single
RS-485, RS-422 transceiver, or as a dual (2 Tx, 2 Rx) RS-
232 transceiver. With both ports set to the same mode, two
RS-485, RS-422 transceivers, or four RS-232 transceivers
are available.
If either port is in RS-232 mode, the onboard charge pump
generates RS-232 compliant ±5V Tx output levels from a
single VCC supply as low as 4.5V. Four small 0.1µF
capacitors are required for the charge pump. The
transceivers are RS-232 compliant, with the Rx inputs
handling up to ±25V, and the Tx outputs handling ±12V.
In RS-485 mode, the transceivers support both the RS-485
and RS-422 differential communication standards. The
receivers feature "full failsafe" operation, so the Rx outputs
remain in a high state if the inputs are open or shorted
together. The transmitters support up to three data rates, two
of which are slew rate limited for problem free
communications. The charge pump disables when both
ports are in RS-485 mode, thereby saving power, minimizing
noise, and eliminating the charge pump capacitors.
Both RS-232 and RS-485 modes feature loopback and
shutdown functions. Loopback internally connects the Tx
outputs to the corresponding Rx input, to facilitate board
level self test implementation. The outputs remain connected
to the loads during loopback, so connection problems (e.g.,
shorted connectors or cables) can be detected. Shutdown
mode disables the Tx and Rx outputs, disables the charge
pumps, and places the IC in a low current (µA) mode.
The ISL41334 is a QFN packaged device that includes two
additional user selectable, lower speed and edge rate
options for EMI sensitive designs, or to allow longer bus
lengths. It also features a logic supply pin (VL) that sets the
VOH level of logic outputs, and the switching points of logic
inputs, to be compatible with another supply voltage in mixed
voltage systems. The QFN also adds active low Rx enable
pins to increase design flexibility, allowing Tx/Rx direction
control, via a single signal per port, by connecting the
corresponding DE and RXEN pins together.
For a single port version of these devices, please see the
ISL81387, ISL41387 data sheet.
Features
• ±15kV (HBM) ESD Protected Bus Pins (RS-232 or
RS-485)
• Two Independent Ports, Each User Selectable for RS-232
(2 Transceivers) or RS-485, RS-422 (1 Transceiver)
• Single 5V (10% Tolerance) Supply
• Flow-Through Pinouts Simplify Board Layouts
• Pb-Free (RoHS Compliant)
• Large (2.7V) Differential VOUT for Improved Noise
Immunity in RS-485, RS-422 Networks
• Full Failsafe (Open/Short) Rx in RS-485, RS-422 Mode
• Loopback Mode Facilitates Board Self Test Functions
• User Selectable RS-485 Data Rates (ISL41334 Only)
- Fast Speed . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20Mbps
- Slew Rate Limited. . . . . . . . . . . . . . . . . . . . . . . 460kbps
- Slew Rate Limited. . . . . . . . . . . . . . . . . . . . . . . 115kbps
• Fast RS-232 Data Rate . . . . . . . . . . . . . . . Up to 650kbps
• Low Current Shutdown Mode. . . . . . . . . . . . . . . . . . .42µA
• QFN Package Saves Board Space (ISL41334 Only)
• Logic Supply Pin (VL) Eases Operation in Mixed Supply
Systems (ISL41334 Only)
Applications
• Gaming Applications (e.g., Slot Machines)
• Single Board Computers
• Factory Automation
• Security Networks
• Industrial/Process Control Networks
• Level Translators (e.g., RS-232 to RS-422)
• Point of Sale Equipment
• Dual Channel RS-485 Interfaces
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
NO. OF
PORTS
PACKAGE OPTIONS
RS-485 DATA
RATE (bps)
RS-232 DATA
RATE (kbps)
VL PIN?
ACTIVE H or L
Rx ENABLE?
LOW POWER
SHUTDOWN?
ISL81334
2
28 Ld SOIC, 28 Ld SSOP
20M
650
NO
NONE
YES
ISL41334
2
40 Ld QFN (6mmx6mm)
20M, 460k, 115k
650
YES
L
YES
Data Sheet
November 21, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL41334IRZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL41334IRZ-T INTERSIL-ISL41334IRZ-T Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL41334IRZ-T INTERSIL-ISL41334IRZ-T Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL41334IRZ-T RENESAS-ISL41334IRZ-T Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL41334IRZ-T7A RENESAS-ISL41334IRZ-T7A Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
More results

유사한 설명 - ISL41334IRZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
   3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com