전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA321 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TPA321
상세설명  350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA321 데이터시트(HTML) 3 Page - Texas Instruments

  TPA321_15 Datasheet HTML 1Page - Texas Instruments TPA321_15 Datasheet HTML 2Page - Texas Instruments TPA321_15 Datasheet HTML 3Page - Texas Instruments TPA321_15 Datasheet HTML 4Page - Texas Instruments TPA321_15 Datasheet HTML 5Page - Texas Instruments TPA321_15 Datasheet HTML 6Page - Texas Instruments TPA321_15 Datasheet HTML 7Page - Texas Instruments TPA321_15 Datasheet HTML 8Page - Texas Instruments TPA321_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA321
SLOS312C – JUNE 2000 – REVISED JUNE 2004
at specified free-air temperature, V
DD = 3.3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
SHUTDOWN = 0 V, RL = 8 Ω, RF = 10 kΩ
5
20
mV
PSRR
Power supply rejection ratio
VDD = 3.2 V to 3.4 V
85
dB
IDD
Supply current (see Figure 3)
SHUTDOWN = 0 V, RF = 10 kΩ
0.7
1.5
mA
IDD(SD)
Supply current, shutdown mode (see Figure 4)
SHUTDOWN = VDD, RF = 10 kΩ
0.15
5
µA
|IIH|
High-level input current
SHUTDOWN, VDD = 3.3 V, VI = 3.3 V
1
µA
|IIL|
Low-level input current
SHUTDOWN, VDD = 3.3 V, VI = 0 V
1
µA
V
DD = 3.3 V, TA = 25°C, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power(1)
THD = 0.5%,
See Figure 9
250
mW
PO = 250 mW,
f = 20 Hz to 4 kHz,
THD + N
Total harmonic distortion plus noise
1.3%
AV = -2 V/V,
See Figure 7
Maximum output power bandwidth
AV = -2 V/V, THD = 3%, See Figure 7
10
kHz
B1
Unity-gain bandwidth
Open loop,
See Figure 15
1.4
MHz
Supply ripple rejection ratio
f = 1 kHz, CB = 1 µF, See Figure 2
71
dB
AV = –1 V/V,
CB = 0.1 µF,
Vn
Noise output voltage
15
µV(rms)
RL = 32 Ω ,
See Figure 19
(1)
Output power is measured at the output terminals of the device at f = 1 kHz.
at specified free-air temperature, V
DD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
SHUTDOWN = 0 V, RL = 8 Ω, RF = 10 kΩ
5
20
mV
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V
78
dB
IDD
Supply current (see Figure 3)
SHUTDOWN = 0 V, RF = 10 kΩ
0.7
1.5
mA
IDD(SD)
Supply current, shutdown mode (see Figure 4)
SHUTDOWN = VDD, RF = 10 kΩ
0.15
5
µA
|IIH|
High-level input current
SHUTDOWN, VDD = 5.5 V, VI = VDD
1
µA
|IIL|
Low-level input current
SHUTDOWN, VDD = 5.5 V, VI = 0 V
1
µA
V
DD = 5 V, TA = 25°C, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 0.5%,
See Figure 13
700
mW
PO = 350 mW,
f = 20 Hz to 4 kHz, See
THD + N
Total harmonic distortion plus noise
1%
AV = –2 V/V,
Figure 11
Maximum output power bandwidth
AV = –2 V/V, THD = 2%, See Figure 11
10
kHz
B1
Unity-gain bandwidth
Open loop,
See Figure 16
1.4
MHz
Supply ripple rejection ratio
f = 1 kHz, CB = 1 µF, See Figure 2
65
dB
AV = -1 V/V,
CB = 0.1 µF,
Vn
Noise output voltage
15
µV(rms)
RL = 32 Ω ,
See Figure 20
3


유사한 부품 번호 - TPA321_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA321D TI-TPA321D Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321D TI-TPA321D Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321DG4 TI-TPA321DG4 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321DGN TI-TPA321DGN Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321DGN TI-TPA321DGN Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

유사한 설명 - TPA321_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA741 TI-TPA741_07 Datasheet
695Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com