전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2010D1 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TPA2010D1
상세설명  2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2010D1 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA2010D1_15 Datasheet HTML 4Page - Texas Instruments TPA2010D1_15 Datasheet HTML 5Page - Texas Instruments TPA2010D1_15 Datasheet HTML 6Page - Texas Instruments TPA2010D1_15 Datasheet HTML 7Page - Texas Instruments TPA2010D1_15 Datasheet HTML 8Page - Texas Instruments TPA2010D1_15 Datasheet HTML 9Page - Texas Instruments TPA2010D1_15 Datasheet HTML 10Page - Texas Instruments TPA2010D1_15 Datasheet HTML 11Page - Texas Instruments TPA2010D1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.ti.com
−90
−80
−70
−60
−50
−40
−30
20
100
1 k
10 k
VDD = 2.5 V
VDD = 5 V
f − Frequency − Hz
Inputs floating
RL = 8 Ω
VDD = 3.6 V
20 k
−90
−80
−70
−60
−50
−40
−30
20
100
1 k
20 k
VDD = 2.5 V
VDD = 3.6 V
f − Frequency − Hz
Inputs ac-grounded
CI = 2 µF
RL = 4 Ω
Gain = 2 V/V
VDD = 5 V
10 k
−90
−80
−70
−60
−50
−40
−30
20
100
1 k
20 k
f − Frequency − Hz
VDD = 2. 5 V
VDD = 3.6 V
VDD = 5 V
Inputs ac-grounded
CI = 2 µF
RL = 8 Ω
Gain = 2 V/V
10 k
C1 − High
3.6 V
C1 − Amp
512 mV
C1 − Duty
12%
t − Time − 2 ms/div
VDD
200 mV/div
VOUT
20 mV/div
−150
−100
−50
0
400
800
1200
1600
2000
−150
−100
−50
0
0
f − Frequency − Hz
VDD Shown in Figure 22
CI = 2 µF,
Inputs ac-grounded
Gain = 2V/V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
1
2
3
4
5
VIC − Common Mode Input Voltage − V
VDD = 5 V,
Gain = 2
VDD = 2.5 V
VDD = 3.6 V
−75
−70
−65
−60
−55
−50
20
100
1 k
20 k
VDD = 3.6 V
f − Frequency − Hz
VIC = 200 mVPP
RL = 8 Ω
Gain = 2 V/V
10 k
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5 5
DC Common Mode Voltage − V
VDD = 2. 5 V
VDD = 3.6 V
VDD = 5 V
TPA2010D1
SLOS417C – OCTOBER 2003 – REVISED SEPTEMBER 2007
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
GSM POWER SUPPLY REJECTION
GSM POWER SUPPLY REJECTION
vs
vs
TIME
FREQUENCY
Figure 22.
Figure 23.
SUPPLY RIPPLE REJECTION RATIO
COMMON-MODE REJECTION RATIO
COMMON-MODE REJECTION RATIO
vs
vs
vs
DC COMMON MODE VOLTAGE
FREQUENCY
COMMON-MODE INPUT VOLTAGE
Figure 24.
Figure 25.
Figure 26.
8
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): TPA2010D1


유사한 부품 번호 - TPA2010D1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEFR TI-TPA2010D1YEFR Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEFR TI1-TPA2010D1YEFR Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2010D1YEFT TI-TPA2010D1YEFT Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA2010D1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com