전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43L111IHZ-T 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL43L111IHZ-T
상세설명  Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L111IHZ-T 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL43L111IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL43L111IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL43L111IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL43L111IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL43L111IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL43L111IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL43L111IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL43L111IHZ-T Datasheet HTML 11Page - Intersil Corporation ISL43L111IHZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN6130.1
August 24, 2015
FIGURE 13. TURN-ON TIME vs SUPPLY VOLTAGE
FIGURE 14. TURN-OFF TIME vs SUPPLY VOLTAGE
FIGURE 15. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 16. FREQUENCY RESPONSE
FIGURE 17. OFF ISOLATION
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
57
PROCESS:
Submicron CMOS
Typical Performance Curves TA = 25°C, Unless Otherwise Specified (Continued)
V+ (V)
1
1.522.533.5
4
4.5
0
10
20
30
40
50
-40°C
85°C
25°C
V+ (V)
1
1.5
2
2.5
3
3.5
4
4.5
4
5
6
7
8
9
10
11
12
25°C
85°C
-40°C
V+ (V)
1
1.5
2
2.5
3
3.5
4
4.5
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
VINH
VINL
FREQUENCY (MHz)
0
-20
GAIN
PHASE
V+ = 1.1V to 4.5V
0
80
160
1
10
100
300
VIN = 0.2VP-P to 2.8VP-P (V+ = 3.0V)
RL = 50
FREQUENCY (Hz)
1K
100K
1M
100M 500M
10K
10M
100
0
10
20
30
40
50
60
70
80
90
V+ = 1.1V to 4.5V
ISL43L110, ISL43L111


유사한 부품 번호 - ISL43L111IHZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43L111IHZ-T INTERSIL-ISL43L111IHZ-T Datasheet
385Kb / 11P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL43L111IHZ-T RENESAS-ISL43L111IHZ-T Datasheet
652Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
More results

유사한 설명 - ISL43L111IHZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL43L110 RENESAS-ISL43L110 Datasheet
652Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL43L110 INTERSIL-ISL43L110 Datasheet
385Kb / 11P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
ISL43L210 INTERSIL-ISL43L210 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L210 RENESAS-ISL43L210 Datasheet
580Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL43L420IR INTERSIL-ISL43L420IR Datasheet
377Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT Analog Switch
February 18, 2005
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120 Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L420 INTERSIL-ISL43L420 Datasheet
363Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com