전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29008IROZ-T7 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL29008IROZ-T7
상세설명  Small, Low Power, Current-Output Ambient Light Photo Detect IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29008IROZ-T7 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL29008IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29008IROZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6282.2
October 8, 2015
Pinouts
ISL29006
(6 LD ODFN)
TOP VIEW
ISL29007
(6 LD ODFN)
TOP VIEW
ISL29008
(6 LD ODFN)
TOP VIEW
1
2
3
6
5
4
VDD
GND
NC
ISRC
NC
EN
THERMAL
PAD*
1
2
3
6
5
4
VDD
GND
NC
EN
NC
ISNK
THERMAL
PAD*
NO L
ONG
ER A
VAIL
ABLE
OR S
UPP
ORT
ED
1
2
3
6
5
4
VDD
GND
NC
ISRC
NC
ISNK
THERMAL
PAD*
NO L
ONG
ER A
VAIL
ABLE
OR S
UPP
ORT
ED
Pin Descriptions
ISL29006
PIN NUMBER
ISL29007
PIN NUMBER
ISL29008
PIN NUMBER
NAME
DESCRIPTION
1
1
1
VDD
Supply, 1.8V to 3.6V
2
2
2
GND
Ground
3, 5
3, 5
3, 5
NC
No connect
46
EN
Active LOW enable
6
6
ISRC
Current source out
4
4
ISNK
Current sink out
Simplified Block Diagrams
ISL29006
ISL29007
ISL29008
VDD
ISRC
1
2
LIGHT DATA
PROCESS
OUTPUT CURRENT
 LIGHT INTENSITY
PHOTODIODE
ARRAY
4
GND
EN
6
CURRENT
AMPLIFIER
VDD
ISNK
1
2
LIGHT DATA
PROCESS
OUTPUT CURRENT
 LIGHT INTENSITY
PHOTODIODE
ARRAY
GND
4
CURRENT
AMPLIFIER
6
EN
VDD
ISRC
1
2
LIGHT DATA
PROCESS
OUTPUT CURRENT
 LIGHT INTENSITY
PHOTODIODE
ARRAY
GND
6
CURRENT
AMPLIFIER
4 ISNK
ISL29006, ISL29007, ISL29008


유사한 부품 번호 - ISL29008IROZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29008IROZ-T7 INTERSIL-ISL29008IROZ-T7 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29008IROZ-T7 RENESAS-ISL29008IROZ-T7 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
More results

유사한 설명 - ISL29008IROZ-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com