전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29023IROZ-EVALZ 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL29023IROZ-EVALZ
상세설명  Integrated Digital Light Sensor with Interrupt
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29023IROZ-EVALZ 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL29023IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 12Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 13Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ISL29023
11
FN6691.4
May 1, 2014
Submit Document Feedback
Suggested PCB Footprint
It is important that users check the “Surface Mount Assembly
Guidelines for Optical Dual Flat Pack No Lead (ODFN) Package”
before starting ODFN product board mounting, see TB477.
Board Mounting Consideration
For applications requiring the light measurement, the board
mounting location should be reviewed. The device uses an
Optical Dual Flat Pack No Lead (ODFN) package, which subjects
the die to mild stresses when the printed circuit (PC) board is
heated and cooled, which slightly changes the shape. Because of
these die stresses, placing the device in areas subject to slight
twisting can cause degradation of reference voltage accuracy. It
is normally best to place the device near the edge of a board, or
on the shortest side, because the axis of bending is most limited
in that location.
Layout Considerations
The ISL29023 is relatively insensitive to layout. Like other I2C
devices, it is intended to provide excellent performance even in
significantly noisy environments. There are only a few
considerations that will ensure best performance.
Route the supply and I2C traces as far as possible from all
sources of noise. Use two power-supply decoupling capacitors,
1µF and 0.1µF, placed close to the device. REXT must be placed
as closely to the pin as possible to eliminate the stray
capacitance, which will greatly affect the performance of the
sensor.
Soldering Considerations
Convection heating is recommended for reflow soldering;
direct-infrared heating is not recommended. The plastic ODFN
package does not require a custom reflow soldering profile, and
is qualified to +260°C. A standard reflow soldering profile with a
+260°C maximum is recommended.
Temperature Coefficient
The limits stated for temperature coefficient (TC) are governed by
the method of measurement. The “Box” method is usually used
for specifying the temperature coefficient. The overwhelming
standard for specifying the temperature drift of a reference is to
evaluate the maximum voltage change over the specified
temperature range. This yields ppm/°C, and is calculated using
Equation 8:
where:
VHIGH is the maximum reference voltage over the temperature
range.
VLOW is the minimum reference voltage over the temperature
range.
VNOMINAL is the nominal reference voltage at +25°C.
THIGH - TLOW is the specified temperature range (°C)
Digital Inputs and Termination
The ISL29023 digital inputs are guaranteed to CMOS levels. The
internal register is updated on the rising edge of the clock. To
minimize reflections, proper termination should be
implemented. If the lines driving the clock and the digital inputs
are 50Ω lines, then 50Ω termination resistors should be placed
as close to the sensor inputs as possible, connected to the digital
ground plane (if separate grounds are used).
Typical Circuit
A typical application for the ISL29023 is shown in Figure 1. The
ISL29023’s I2C address is internally hard-wired as 1000100. The
device can be tied onto a system’s I2C bus together with other I2C
compliant devices.
(EQ. 8)
TC
V
HIGH
V
LOW
V
NOMINAL
T
HIGH
T
LOW

----------------------------------------------------------------------------------
10
6
=
FIGURE 15. ISL29023 TYPICAL SYSTEM DIAGRAM
VDD
1
GND
2
REXT
3
INT
4
SCL
5
SDA
6
ISL29023
R1
R2
REXT
499k
C2
0.1µF
C1
10µF
2.25V TO 3.63V
MICROCONTROLLER
SDA
SCL
I2C SLAVE_0
I2C SLAVE_1
I2C SLAVE_n
I2C MASTER
SCL
SDA
SCL
SDA
1.7V TO 3.63V
R3
INT


유사한 부품 번호 - ISL29023IROZ-EVALZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29023IROZ-EVALZ INTERSIL-ISL29023IROZ-EVALZ Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Renesas Technology Corp
ISL29023IROZ-EVALZ RENESAS-ISL29023IROZ-EVALZ Datasheet
882Kb / 14P
   Integrated Digital Light Sensor with Interrupt
More results

유사한 설명 - ISL29023IROZ-EVALZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29035 INTERSIL-ISL29035 Datasheet
101Kb / 2P
   Integrated Digital Light Sensor with Interrupt
logo
Renesas Technology Corp
ISL29023 RENESAS-ISL29023 Datasheet
882Kb / 14P
   Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29035 INTERSIL-ISL29035_14 Datasheet
476Kb / 16P
   Integrated Digital Light Sensor with Interrupt
November 12, 2014
logo
Renesas Technology Corp
ISL29035 RENESAS-ISL29035 Datasheet
774Kb / 17P
   Integrated Digital Light Sensor with Interrupt
logo
Cooper Bussmann, Inc.
ISL29035 COOPER-ISL29035 Datasheet
101Kb / 2P
   Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com