전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54050IRUZ-T 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL54050IRUZ-T
상세설명  Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Dual SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54050IRUZ-T 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL54050IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54050IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54050IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54050IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54050IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54050IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54050IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54050IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54050IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN6356.4
November 22, 2008
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 5.5V
Input Voltages
NO, NC, IN (Note 2). . . . . . . . . . . . . . . . . . . . -0.5V to ((V+) + 0.5V)
Output Voltages
COMx (Note 2). . . . . . . . . . . . . . . . . . . . . . . . -0.5V to ((V+) + 0.5V)
Continuous Current NO, NC, or COM . . . . . . . . . . . . . . . . . ±300mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . . ±500mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>8kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>500V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . >1.4kV
Thermal Resistance (Typical)
θJA (°C/W)
10 Ld µTQFN Package (Note 3) . . . . . . . . . . . . . . .
143
Maximum Junction Temperature (Plastic Package). . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
2. Signals on NC, NO, IN, or COM exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current ratings.
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 4.3V Supply
Test Conditions: V+ = +3.9V to +4.5V, GND = 0V, VINH = 1.6V, VINL = 0.5V (Note 4),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 8)
TYP
MAX
(Notes 5, 8) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
V+
V
ON-Resistance, rON
V+ = 3.9V, ICOM = 100mA, VNO or VNC = 0V to V+
(see Figures 5, 9)
25
0.30
0.5
Ω
Full
0.35
0.7
Ω
rON Matching Between Channels,
Δr
ON
V+ = 3.9V, ICOM = 100mA, VNO or VNC = Voltage at
max rON (Notes 7, 9)
25
0.06
0.07
Ω
Full
0.08
0.08
Ω
rON Flatness, rFLAT(ON)
V+ = 3.9V, ICOM = 100mA, VNO or VNC = 0V to V+
(Notes 6, 9)
25
0.03
0.15
Ω
Full
0.04
0.15
Ω
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 4.5V, VCOM = 0.3V, 3V, VNO or VNC = 3V, 0.3V
25
-100
100
nA
Full
-195
195
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 4.5V, VCOM = 0.3V, 3V, or VNO or VNC = 0.3V,
3V or floating
25
-100
100
nA
Full
-195
195
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 3.9V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF
(see Figure 1)
25
40
ns
Full
50
ns
Turn-OFF Time, tOFF
V+ = 3.9V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF
(see Figure 1)
25
20
ns
Full
30
ns
Break-Before-Make Time Delay, tD
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF
(see Figure 3)
Full
8
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (see Figure 2)
25
170
pC
OFF-Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS
(see Figure 4)
25
62
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS
(see Figure 6)
25
-85
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 600Ω
25
0.005
%
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V (see Figure 7)
25
62
pF
ISL54050


유사한 부품 번호 - ISL54050IRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54050IRUZ-T INTERSIL-ISL54050IRUZ-T Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050IRUZ-T INTERSIL-ISL54050IRUZ-T Datasheet
292Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL54050IRUZ-T RENESAS-ISL54050IRUZ-T Datasheet
589Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
More results

유사한 설명 - ISL54050IRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54050 RENESAS-ISL54050 Datasheet
589Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL8484 INTERSIL-ISL8484_06 Datasheet
326Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484 INTERSIL-ISL8484_07 Datasheet
330Kb / 15P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050_0706 INTERSIL-ISL54050_0706 Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484 INTERSIL-ISL8484 Datasheet
323Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484IR INTERSIL-ISL8484IR Datasheet
320Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
ISL54050 INTERSIL-ISL54050 Datasheet
292Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL8484 RENESAS-ISL8484 Datasheet
665Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
464Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com