전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2930 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM2930
상세설명  3-Terminal Positive Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2930 데이터시트(HTML) 4 Page - Texas Instruments

  LM2930_15 Datasheet HTML 1Page - Texas Instruments LM2930_15 Datasheet HTML 2Page - Texas Instruments LM2930_15 Datasheet HTML 3Page - Texas Instruments LM2930_15 Datasheet HTML 4Page - Texas Instruments LM2930_15 Datasheet HTML 5Page - Texas Instruments LM2930_15 Datasheet HTML 6Page - Texas Instruments LM2930_15 Datasheet HTML 7Page - Texas Instruments LM2930_15 Datasheet HTML 8Page - Texas Instruments LM2930_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LM2930
SNVS745D – APRIL 1998 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Output Impedance
Overvoltage Supply Current
Figure 4.
Figure 5.
Output at Reverse
Reverse Supply Current
Supply
Figure 6.
Figure 7.
Output at Overvoltage
Output Voltage (Normalized to 1V at Tj=25°C)
Figure 8.
Figure 9.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2930


유사한 부품 번호 - LM2930_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2930S-5.0 NSC-LM2930S-5.0 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
LM2930S-8.0 NSC-LM2930S-8.0 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
LM2930T-5.0 NSC-LM2930T-5.0 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
LM2930T-8.0 NSC-LM2930T-8.0 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
HTC Korea TAEJIN Techno...
LM2930TA HTC-LM2930TA Datasheet
138Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
More results

유사한 설명 - LM2930_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Hi-Sincerity Mocroelect...
H7805AI HSMC-H7805AI Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AA HSMC-H7808AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AA HSMC-H7809AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7806AJ HSMC-H7806AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AJ HSMC-H7808AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7815AE HSMC-H7815AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com