전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2936 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM2936
상세설명  Ultra-Low Quiescent Current LDO Voltage Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2936 데이터시트(HTML) 4 Page - Texas Instruments

  LM2936_15 Datasheet HTML 1Page - Texas Instruments LM2936_15 Datasheet HTML 2Page - Texas Instruments LM2936_15 Datasheet HTML 3Page - Texas Instruments LM2936_15 Datasheet HTML 4Page - Texas Instruments LM2936_15 Datasheet HTML 5Page - Texas Instruments LM2936_15 Datasheet HTML 6Page - Texas Instruments LM2936_15 Datasheet HTML 7Page - Texas Instruments LM2936_15 Datasheet HTML 8Page - Texas Instruments LM2936_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LM2936
SNOSC48O – JUNE 2000 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Input voltage (survival)
−50
60
V
Power dissipation (3)
Internally limited
Junction temperature (TJMAX)
150
°C
Storage temperature, Tstg
−65
150
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating ratings.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The maximum power dissipation is a function of TJ(MAX), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA) / RθJA. If this dissipation is exceeded, the die temperature can rise above the TJ(MAX) of 150°C, and
the LM2936 may go into thermal shutdown.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. .
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Temperature, TJ
−40
125
°C
Input voltage, VIN , LM2936
5.5
40
V
Input voltage, VIN , LM2936HV only
5.5
60
V
Shutdown pin voltage, VSD, LM2936BM only
0
40
V
6.4 Thermal Information
LM2936
SOIC (D)
TO-252
VSSOP
SOT-223
TO-92 (LP)
THERMAL METRIC(1)
UNIT
(NDP)
(DGK)
(DCY)
8 PINS
3 PINS
8 PINS
4 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
111.4
50.5
173.4
62.8
156.8
RθJC(top)
Junction-to-case (top) thermal resistance
56.3
52.6
65.9
44.2
80.4
RθJB
Junction-to-board thermal resistance
51.9
29.7
94.9
11.7
n/a
°C/W
ψJT
Junction-to-top characterization parameter
10.9
4.8
9.6
3.6
24.5
ψJB
Junction-to-board characterization parameter
51.4
29.3
93.3
11.6
136.0
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
1.6
n/a
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2936


유사한 부품 번호 - LM2936_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2936-3.0 NSC-LM2936-3.0 Datasheet
301Kb / 10P
   Ultra-Low Quiescent Current 3.0V Regulator
LM2936-30 NSC-LM2936-30 Datasheet
294Kb / 10P
   Ultra-Low Quiescent Current 3.0V Regulator
LM2936-33 NSC-LM2936-33 Datasheet
295Kb / 10P
   Ultra-Low Quiescent Current 3.3V Regulator
LM2936-5.0 NSC-LM2936-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
logo
Texas Instruments
LM2936-5.0EP TI1-LM2936-5.0EP Datasheet
512Kb / 16P
[Old version datasheet]   LM2936-5.0EP Enhanced Plastic Ultra-Low Quiescent Current 5V Regulator
More results

유사한 설명 - LM2936_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com