전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2940QML 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM2940QML
상세설명  LM2940QML 1A Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2940QML 데이터시트(HTML) 1 Page - Texas Instruments

  LM2940QML_15 Datasheet HTML 1Page - Texas Instruments LM2940QML_15 Datasheet HTML 2Page - Texas Instruments LM2940QML_15 Datasheet HTML 3Page - Texas Instruments LM2940QML_15 Datasheet HTML 4Page - Texas Instruments LM2940QML_15 Datasheet HTML 5Page - Texas Instruments LM2940QML_15 Datasheet HTML 6Page - Texas Instruments LM2940QML_15 Datasheet HTML 7Page - Texas Instruments LM2940QML_15 Datasheet HTML 8Page - Texas Instruments LM2940QML_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM2940QML, LM2940QML-SP
www.ti.com
SNVS389B – MAY 2010 – REVISED MAY 2013
LM2940QML 1A Low Dropout Regulator
Check for Samples: LM2940QML, LM2940QML-SP
1
FEATURES
DESCRIPTION
The LM2940 positive voltage regulator features the
2
Available with Radiation Ensure
ability to source 1A of output current with a dropout
ELDRS Free 100 krad(Si)
voltage of typically 0.5V and a maximum of 1V over
Dropout Voltage Typically 0.5V @IO = 1A
the
entire
temperature
range.
Furthermore,
a
quiescent current reduction circuit has been included
Output Current in Excess of 1A
which
reduces
the
ground
current
when
the
Output Voltage Trimmed Before Assembly
differential between the input voltage and the output
Reverse Battery Protection
voltage exceeds approximately 3V. The quiescent
current with 1A of output current and an input-output
Internal Short Circuit Current Limit
differential of 5V is therefore only 30 mA. Higher
Mirror Image Insertion Protection
quiescent currents only exist when the regulator is in
the dropout mode (VIN − VOUT ≤ 3V).
Designed also for vehicular applications, the LM2940
and all regulated circuitry are protected from reverse
battery installations or 2-battery jumps. During line
transients, such as load dump when the input voltage
can momentarily exceed the specified maximum
operating voltage, the regulator will automatically shut
down to protect both the internal circuits and the load.
The LM2940 cannot be harmed by temporary mirror-
image insertion. Familiar regulator features such as
short circuit and thermal overload protection are also
provided.
CONNECTION DIAGRAMS
Figure 1. 16-Lead Ceramic Surface-Mount Package (CFP) Top View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM2940QML_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
More results

유사한 설명 - LM2940QML_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2940QML TI1-LM2940QML Datasheet
362Kb / 16P
[Old version datasheet]   LM2940QML 1A Low Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com