전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2936HVMA-5.0 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2936HVMA-5.0
상세설명  Ultra-Low Quiescent Current LDO Voltage Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2936HVMA-5.0 데이터시트(HTML) 3 Page - Texas Instruments

  LM2936HVMA-5.0 Datasheet HTML 1Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 2Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 3Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 4Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 5Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 6Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 7Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 8Page - Texas Instruments LM2936HVMA-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
OUT 1
NC 2
NC 3
NC 4
8 IN
7 GND
6 NC
5 NC
1
2
3
OUT
GND
IN
OUT 1
GND 2
GND 3
NC 4
5 SD
6 GND
7 GND
8 IN
OUT 1
GND 2
GND 3
NC 4
5 NC
6 GND
7 GND
8 IN
IN 1
GND 2
OUT 3
4 GND
(TAB)
IN 1
OUT 3
4 GND
(TAB)
LM2936
www.ti.com
SNOSC48O – JUNE 2000 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
LM2936DT TO-252 (NDP) Package
LM2936MP SOT-223 (DCY) Package
3-Pins
4-Pins
Top View
Top View
LM2936BM SOIC (D) Package
LM2936M SOIC (D) Package
8-Pins
8-Pins
Top View
Top View
LM2936Z TO-92 (LP) Package
LM2936MM VSSOP (DGK) Package
3-Pins
8-Pins
Bottom View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
D
D
NAME
NDP
DGK
DCY
LP
(LM2936BM)
(LM2936M)
IN
8
8
1
8
1
3
I
Unregulated input voltage.
GND
2, 3, 6, 7
2, 3, 6, 7
4
7
2, 4
2
Ground.
Regulated output voltage. Requires a minimum
OUT
1
1
3
1
3
1
O
output capacitance, with specific ESR, on this pin
to maintain stability.
Shutdown. LM2936BM only. Pull this pin HIGH (> 2
V) to turn the output OFF. If this pin is left open,
pull ed low (< 0.6 V), or connected to GND, the
SD
5
I
output will be ON by default. Avoid having any
voltage between 0.6 V and 2 V on this pin as the
output status may not be predicable across the
operating range.
No internal connection, Connect to GND, or leave
NC
4
4, 5
2, 3, 4, 5, 6
open.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2936


유사한 부품 번호 - LM2936HVMA-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2936HVMA-5.0 NSC-LM2936HVMA-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
LM2936HVMA-5.0 NSC-LM2936HVMA-5.0 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936HVMA-5.0 TI-LM2936HVMA-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936HVMA-5.0 TI-LM2936HVMA-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
More results

유사한 설명 - LM2936HVMA-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com