전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3480IM3X-3.3 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3480IM3X-3.3
상세설명  LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3480IM3X-3.3 데이터시트(HTML) 2 Page - Texas Instruments

  LM3480IM3X-3.3 Datasheet HTML 1Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 2Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 3Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 4Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 5Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 6Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 7Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 8Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM3480
SNVS011H – JUNE 1999 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................. 10
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 10
2
Applications ........................................................... 1
8
Application and Implementation ........................ 11
3
Description ............................................................. 1
8.1
Application Information............................................ 11
4
Revision History..................................................... 2
8.2
Typical Application ................................................. 11
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 13
6
Specifications......................................................... 4
10
Layout................................................................... 13
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 13
6.2
ESD Ratings.............................................................. 4
10.2
Layout Example .................................................... 13
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 14
6.4
Thermal Information .................................................. 4
11.1
Community Resources.......................................... 14
6.5
Electrical Characteristics: LM3480-3.3, LM3480-5 ... 5
11.2
Trademarks ........................................................... 14
6.6
Electrical Characteristics: LM3480-12, LM3480-15 .. 6
11.3
Electrostatic Discharge Caution ............................ 14
6.7
Typical Characteristics .............................................. 7
11.4
Glossary ................................................................ 14
7
Detailed Description ............................................ 10
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................. 10
Information ........................................................... 14
7.2
Functional Block Diagram ....................................... 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (February 2015) to Revision H
Page
Replaced Functional Block Diagram .................................................................................................................................... 10
Changed text of External Capacitors subsection ................................................................................................................ 11
Changed text of Output Capacitor subsection ..................................................................................................................... 11
Changes from Revision F (December 2014) to Revision G
Page
Changed pin numbers indicated in Typical Application drawing; fix typos............................................................................. 1
Deleted soldering specs - found in POA ................................................................................................................................ 4
Changed Handling Ratings to ESD Ratings format ............................................................................................................... 4
Changes from Revision E (March 2013) to Revision F
Page
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section; add updated Thermal Information ............................................................................................................................. 1
Changes from Revision D (March 2013) to Revision E
Page
Changed layout of National Data Sheet to TI format ............................................................................................................. 9
2
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM3480


유사한 부품 번호 - LM3480IM3X-3.3

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3480IM3X-3.3 NSC-LM3480IM3X-3.3 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480IM3X-3.3 TI-LM3480IM3X-3.3 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
More results

유사한 설명 - LM3480IM3X-3.3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3490IM5-5 TI1-LM3490IM5-5 Datasheet
1Mb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
   100 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com