전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2937IMP-5.0 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2937IMP-5.0
상세설명  500-mA Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2937IMP-5.0 데이터시트(HTML) 3 Page - Texas Instruments

  LM2937IMP-5.0 Datasheet HTML 1Page - Texas Instruments LM2937IMP-5.0 Datasheet HTML 2Page - Texas Instruments LM2937IMP-5.0 Datasheet HTML 3Page - Texas Instruments LM2937IMP-5.0 Datasheet HTML 4Page - Texas Instruments LM2937IMP-5.0 Datasheet HTML 5Page - Texas Instruments LM2937IMP-5.0 Datasheet HTML 6Page - Texas Instruments LM2937IMP-5.0 Datasheet HTML 7Page - Texas Instruments LM2937IMP-5.0 Datasheet HTML 8Page - Texas Instruments LM2937IMP-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
GND
INPUT
OUTPUT
1
2
3
4
(TAB)
INPUT
GND
OUTPUT
1
2
3
TAB
INPUT
GND
OUTPUT
LM2937
www.ti.com
SNVS100F – MARCH 2000 – REVISED JULY 2014
5 Pin Configuration and Functions
TO-220 Plastic Package (NDE)
3
Top View
SOT-223 Plastic Package (DCY)
4
Top View
DDPAK/TO-263 Surface-Mount Package (KTT)
3
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NDE
KTT
DCY
INPUT
1
1
1
I
Unregulated voltage input
GND
2
2
2
Ground
Regulated voltage output. This pin requires an output capacitor to
OUTPUT
3
3
3
O
maintain stability. See the Detailed Design Procedure section for output
capacitor details.
Thermal and ground connection. Connect the TAB to a large copper
area to remove heat from the device. The TAB is internally connected
GND
TAB
TAB
4
to device pin 2 (GND). Connect the TAB to GND or leave floating. Do
not connect the TAB to any potential other than GND at device pin 2.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2937


유사한 부품 번호 - LM2937IMP-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2937IMP-5.0 NSC-LM2937IMP-5.0 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937IMP-5.0 TI1-LM2937IMP-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
LM2937IMP-5.0/NOPB TI1-LM2937IMP-5.0/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
More results

유사한 설명 - LM2937IMP-5.0

제조업체부품명데이터시트상세설명
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com