전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43L420IRZ 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL43L420IRZ
상세설명  Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L420IRZ 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL43L420IRZ Datasheet HTML 5Page - Intersil Corporation ISL43L420IRZ Datasheet HTML 6Page - Intersil Corporation ISL43L420IRZ Datasheet HTML 7Page - Intersil Corporation ISL43L420IRZ Datasheet HTML 8Page - Intersil Corporation ISL43L420IRZ Datasheet HTML 9Page - Intersil Corporation ISL43L420IRZ Datasheet HTML 10Page - Intersil Corporation ISL43L420IRZ Datasheet HTML 11Page - Intersil Corporation ISL43L420IRZ Datasheet HTML 12Page - Intersil Corporation ISL43L420IRZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6098.1
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 13. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 14. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 15. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 16. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
Typical Performance Curves TA = 25°C, Unless Otherwise Specified (Continued)
01
234
5
0.14
0.16
0.18
0.2
0.22
0.24
0.26
0.28
VCOM (V)
25
°C
85
°C
-40
°C
V+ = 4.3V
ICOM = 100mA
VCOM (V)
00.511.522.5
3
V+ = 2.7V
ICOM = 100mA
0.15
0.2
0.25
0.3
0.35
25
°C
85
°C
-40
°C
00.5
1
1.5
2
VCOM (V)
0.2
0.25
0.3
0.35
0.4
0.45
0.5
85°C
-40°C
V+ = 1.8V
ICOM = 100mA
25°C
0
0.2
0.4
0.6
0.8
1
1.2
0
0.5
1
1.5
2
2.5
3
3.5
VCOM (V)
85°C
-40°C
V+ = 1.1V
25°C
ICOM = 100mA
00.511.522.5
3
VCOM (V)
-150
-100
-50
0
50
V+ = 1.8V
V+ = 3V
V+ (V)
1
1.5
2
2.5
3
3.5
4
4.5
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
VINH
VINL
ISL43L420


유사한 부품 번호 - ISL43L420IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43L420IRZ INTERSIL-ISL43L420IRZ Datasheet
363Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL43L420IRZ RENESAS-ISL43L420IRZ Datasheet
617Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL43L420IRZ-T INTERSIL-ISL43L420IRZ-T Datasheet
363Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL43L420IRZ-T RENESAS-ISL43L420IRZ-T Datasheet
617Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

유사한 설명 - ISL43L420IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43L210 INTERSIL-ISL43L210 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L210 RENESAS-ISL43L210 Datasheet
580Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL43L420 INTERSIL-ISL43L420 Datasheet
363Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL43L420 RENESAS-ISL43L420 Datasheet
617Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL43L110 RENESAS-ISL43L110 Datasheet
652Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL43L110 INTERSIL-ISL43L110 Datasheet
385Kb / 11P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
ISL43L110IHZ-T INTERSIL-ISL43L110IHZ-T Datasheet
302Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
August 24, 2015
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_06 Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com