전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43120IHZ-T 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL43120IHZ-T
상세설명  Low-Voltage, Single Supply, Dual SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43120IHZ-T 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL43120IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 11Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 12Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ISL43120, ISL43121, ISL43122
9
FN6033.6
August 17, 2015
Submit Document Feedback
Leakage Considerations
Reverse ESD protection diodes are internally connected between
each analog-signal pin and both V+ and GND. One of these diodes
conducts if any analog signal exceeds V+ or GND.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or GND. Although the ESD diodes on a given signal
pin are identical and therefore fairly well balanced, they are
reverse biased differently. Each is biased by either V+ or GND and
the analog signal. This means their leakages will vary as the
signal varies. The difference in the two diode leakages to the V+
and GND pins constitutes the analog-signal-path leakage current.
All analog leakage current flows between each pin and one of the
supply terminals, not to the other switch terminal. This is why both
sides of a given switch can show leakage currents of the same or
opposite polarity. There is no connection between the analog
signal paths and V+ or GND.
Typical Performance Curves T
A = +25°C, unless otherwise specified.
FIGURE 9. ON-RESISTANCE vs SUPPLY VOLTAGE
FIGURE 10. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. rON MATCH vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
V+ (V)
35
25
15
5
3
4
5
67
89
10
11
12
13
+25°C
-40°C
+85°C
10
20
30
40
VCOM (V)
15
5
0
468
10
12
10
20
2
20
15
25
10
25
20
30
15
40
45
V+ = 3.3V
V+ = 5V
V+ = 12V
+25°C
-40°C
+85°C
+25°C
-40°C
+85°C
+25°C
-40°C
+85°C
30
35
-40°C
VCOM (V)
0.10
0
0
4
6
8
10
12
0.05
0.15
2
V+ = 3.3V
V+ = 5V
V+ = 12V
+25°C
-40°C
+85°C
0.10
0.05
0.15
0
0.20
0.25
+25°C
-40°C
+85°C
0.20
0.10
0.30
0
0.40
0.50
+25°C
-40°C
+85°C
+85°C
+25°C
VCOM (V)
60
40
20
0
-20
0
4
6
8
10
12
-10
10
30
50
V+ = 3.3V
2
V+ = 5V
V+ = 12V


유사한 부품 번호 - ISL43120IHZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL43120IHZ-T RENESAS-ISL43120IHZ-T Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results

유사한 설명 - ISL43120IHZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741_06 Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com