전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43113IBZ 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL43113IBZ
상세설명  Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43113IBZ 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL43113IBZ Datasheet HTML 3Page - Intersil Corporation ISL43113IBZ Datasheet HTML 4Page - Intersil Corporation ISL43113IBZ Datasheet HTML 5Page - Intersil Corporation ISL43113IBZ Datasheet HTML 6Page - Intersil Corporation ISL43113IBZ Datasheet HTML 7Page - Intersil Corporation ISL43113IBZ Datasheet HTML 8Page - Intersil Corporation ISL43113IBZ Datasheet HTML 9Page - Intersil Corporation ISL43113IBZ Datasheet HTML 10Page - Intersil Corporation ISL43113IBZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Typical Performance Curves TA = 25°C, VIH = V+, VIL = 0V, Unless Otherwise Specified
FIGURE 7. ON RESISTANCE vs SUPPLY VOLTAGE
FIGURE 8. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 9. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 10. PSRR vs FREQUENCY
FIGURE 11. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 12. TURN - OFF TIME vs SUPPLY VOLTAGE
1
234
56
0
50
100
150
VS (±V)
-40°C
85°C
ICOM = 1mA
VCOM = (V+) -1V
25
75
125
-40°C
25°C
VCOM (V)
-5
-2
0
2
4
5
-4
-3
-1
1
3
5
10
15
20
25
30
25°C
-40°C
85°C
VS = ±5V
10
15
20
25
30
25°C
-40°C
85°C
VS = ±3.3V
20
25
30
35
40
45
50
VS = ±1.5V
25°C
-40°C
85°C
ICOM = 1mA
-5
-4
-2
0
2
4
5
-40
-30
-20
-10
0
10
20
30
40
VCOM (V)
-3
-1
1
3
VS = ±1.5V
VS = ±3.3V
VS = ±5V
FREQUENCY (MHz)
1
10
100
1000
0.3
30
40
50
60
70
80
20
10
0
RL = 50Ω
VS = ±5.5V, SWITCH ON
VS = ±1.5V to ±5.5V, SWITCH OFF
VS = ±1.5V, SWITCH ON
VS (±V)
12345
6
100
30
40
50
60
70
80
90
100
120
-40°C
85°C
25°C
RL = 300Ω
VCOM = (V+) -1V
VIN = 0 to V+
VS (±V)
12345
6
10
20
30
40
50
60
70
80
85°C
-40°C
RL = 300Ω
VCOM = (V+) -1V
25°C
VIN = 0 to V+
ISL43112, ISL43113


유사한 부품 번호 - ISL43113IBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43113IBZ INTERSIL-ISL43113IBZ Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43113IBZ RENESAS-ISL43113IBZ Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43113IBZ-T INTERSIL-ISL43113IBZ-T Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43113IBZ-T RENESAS-ISL43113IBZ-T Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
More results

유사한 설명 - ISL43113IBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com