전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43113IHZ-T 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL43113IHZ-T
상세설명  Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43113IHZ-T 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL43113IHZ-T Datasheet HTML 1Page - Intersil Corporation ISL43113IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL43113IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL43113IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL43113IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL43113IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL43113IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL43113IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL43113IHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6029.2
ISL43112, ISL43113
Low-Voltage, Dual Supply, SPST, High
Performance Analog Switches
The Intersil ISL43112 and ISL43113 are precision, high
performance analog switches designed to operate from
±1.5V to ±6V supplies. These devices are fully specified for
10% tolerance ±5V and ±3.3V supplies, and feature supply
and leakage currents much lower than those of other single
SPST switches. Turn-on and turn-off times are also
improved.
Targeted applications include battery powered equipment
that benefit from the devices’ low power consumption
(250
µW), sub-nanoamp leakage currents, and fast switching
speeds
(tON = 40ns, tOFF = 25ns). The small SOT-23 packages,
and timing that delivers break-before-make operation, make
this family ideal for custom multiplexer applications.
Additionally, excellent RON flatness maintains signal fidelity
over the whole input range, while micro packaging alleviates
board space limitations. All these benefits combine to make
Intersil’s newest line of low-voltage switches ideal solutions
for “Next Generation” designs.
The ISL4311X are single-pole/single-throw (SPST) switches,
with the ISL43112 being normally open (NO), and the
ISL43113 being normally closed (NC).
Table 1 summarizes the performance of this family. For single
supply versions, see the ISL43110/11 datasheet..
Features
• Fully Specified at VS = ±5V and ±3.3V for 10% Tolerances
• Available in SOT-23 Packaging
• Dual Supply Operation . . . . . . . . . . . . . . . . . . .
±1.5V to ±6V
• ON Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
•RON Flatness . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5Ω
• Charge Injection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7pC
• Low Leakage Current (Max at 85°C) . . 5nA (Off Leakage)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20nA (On Leakage)
• Fast Switching Action
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25ns
• Break-Before-Make Operation at VS = ±5V
• Minimum 2000V ESD Protection per Method 3015.7
• CMOS Logic Compatible
• Pb-free Available
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones, Pagers
- Laptops, Notebooks, Palmtops, PDA’s
• Communications Systems
-Radios
- PBX, PABX
• Test Equipment
- Logic and Spectrum Analyzers
- Portable Meters, DVM, DMM
• Medical Equipment
- Ultrasound, MRI, CAT SCAN
- Electrocardiograph, Blood Analyzer
• Audio and Video Switching
• General Purpose Circuits
- Low Voltage DACs and ADCs
- Sample and Hold Circuits
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
- Integrator Reset Circuits
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. FEATURES AT A GLANCE
ISL43112
ISL43113
Number of Switches
11
Configuration
NO
NC
±4.5V R
ON
15
15
±4.5V t
ON / tOFF
42ns / 25ns
42ns / 25ns
±3V R
ON
20
20
±3V t
ON / tOFF
58ns / 37ns
58ns / 37ns
Packages
8 Ld SOIC, 5 Ld SOT-23
Data Sheet
July 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL43113IHZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43113IHZ-T INTERSIL-ISL43113IHZ-T Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43113IHZ-T RENESAS-ISL43113IHZ-T Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
More results

유사한 설명 - ISL43113IHZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com