전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54217IRTZ-T 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL54217IRTZ-T
상세설명  USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54217IRTZ-T 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL54217IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
FN6817.4
June 17, 2010
FIGURE 7A. MEASUREMENT POINTS
FIGURE 7B. TEST CIRCUIT
FIGURE 7. SKEW TEST
FIGURE 8. CLICK AND POP TEST CIRCUIT
Test Circuits and Waveforms (Continued)
DIN+
DIN-
OUT+
OUT-
50%
50%
90%
10%
10%
10%
10%
90%
90%
50%
90%
50%
tri
tfi
tro
tf0
tskew_i
tskew_o
OUT+
CL
COM-
D+
GND
VDD
C
D-
COM+
CL
OUT-
DIN+
DIN-
|tro - tri| Delay Due to Switch for Rising Input and Rising Output Signals.
|tfo - tfi| Delay Due to Switch for Falling Input and Falling Output Signals.
|tskew_0| Change in Skew through the Switch for Output Signals.
|tskew_i| Change in Skew through the Switch for Input Signals.
15.8
Ω
15.8
Ω
143
Ω
143
Ω
45
Ω
45
Ω
C0
C1
VDD
VDD
0V
VDD
GND
L
COM-
C0
AUDIO PRECISION
Set Audio Analyzer for Peak Detection, 32 Samples/Sec, Aweighted Filter, Manual Range 1X/Y, Units to dBV
C1
SYSTEM II CASCADE
ANALYZER
R
COM+
3.3V
RLOAD
CHA
CHB
0V TO 1.25V
DC STEP
CLICK
AND
POP
OR
1.25V TO 0V
DC STEP
RLOAD
0V 0V
ALL OFF MODE
ISL54217


유사한 부품 번호 - ISL54217IRTZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54217IRTZ-T INTERSIL-ISL54217IRTZ-T Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54217IRTZ-T INTERSIL-ISL54217IRTZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54217IRTZ-T RENESAS-ISL54217IRTZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
More results

유사한 설명 - ISL54217IRTZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com