전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA204X-600B 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BTA204X-600B
상세설명  3Q Hi-Com Triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204X-600B 데이터시트(HTML) 2 Page - NXP Semiconductors

  BTA204X-600B Datasheet HTML 1Page - NXP Semiconductors BTA204X-600B Datasheet HTML 2Page - NXP Semiconductors BTA204X-600B Datasheet HTML 3Page - NXP Semiconductors BTA204X-600B Datasheet HTML 4Page - NXP Semiconductors BTA204X-600B Datasheet HTML 5Page - NXP Semiconductors BTA204X-600B Datasheet HTML 6Page - NXP Semiconductors BTA204X-600B Datasheet HTML 7Page - NXP Semiconductors BTA204X-600B Datasheet HTML 8Page - NXP Semiconductors BTA204X-600B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
BTA204X-600B
3Q Hi-Com Triac
BTA204X-600B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
19 May 2014
2 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VD = 12 V; IT = 0.1 A; T2+ G-;
Tj = 25 °C; Fig. 7
-
-
50
mA
VD = 12 V; IT = 0.1 A; T2- G-;
Tj = 25 °C; Fig. 7
-
-
50
mA
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
T1
main terminal 1
2
T2
main terminal 2
3
G
gate
mb
n.c.
mounting base; isolated
3
2
1
mb
TO-220F (SOT186A)
sym051
T1
G
T2
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BTA204X-600B
TO-220F
plastic single-ended package; isolated heatsink mounted; 1
mounting hole; 3-lead TO-220 "full pack"
SOT186A
BTA204X-600B/L03
TO-220F
plastic single-ended package; isolated heatsink mounted; 1
mounting hole; 3-lead TO-220 "full pack"
SOT186A


유사한 부품 번호 - BTA204X-600B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA204X-600B PHILIPS-BTA204X-600B Datasheet
51Kb / 6P
   Three quadrant triacs high commutation
December 1998-Rev 1.000
BTA204X-600B PHILIPS-BTA204X-600B Datasheet
51Kb / 6P
   Three quadrant triacs high commutation
December 1998 Rev 1.000
logo
WeEn Semiconductors
BTA204X-600B WEEN-BTA204X-600B Datasheet
284Kb / 13P
   3Q Hi-Com Triac
More results

유사한 설명 - BTA204X-600B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA204W-600E WEEN-BTA204W-600E Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA316-800E WEEN-BTA316-800E Datasheet
237Kb / 13P
   3Q Hi-Com Triac
BTA410-600CT WEEN-BTA410-600CT Datasheet
454Kb / 12P
   3Q Hi-Com Triac
BTA308Y-800C0T WEEN-BTA308Y-800C0T Datasheet
398Kb / 12P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com