전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL783 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TL783
상세설명  TL783 High-voltage Adjustable Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL783 데이터시트(HTML) 4 Page - Texas Instruments

  TL783_15 Datasheet HTML 1Page - Texas Instruments TL783_15 Datasheet HTML 2Page - Texas Instruments TL783_15 Datasheet HTML 3Page - Texas Instruments TL783_15 Datasheet HTML 4Page - Texas Instruments TL783_15 Datasheet HTML 5Page - Texas Instruments TL783_15 Datasheet HTML 6Page - Texas Instruments TL783_15 Datasheet HTML 7Page - Texas Instruments TL783_15 Datasheet HTML 8Page - Texas Instruments TL783_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TL783
SLVS036N – SEPTEMBER 1981 – REVISED JANUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Vl – VO
Input-to-output differential voltage
125
V
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
2500
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
1000
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
Vl – VO
Input-to-output differential voltage
125
V
IO
Output current
15
700
mA
TJ
Operating virtual junction temperature
0
125
°C
7.4 Thermal Information
TL783
THERMAL METRIC(1)
KTE
KTT
KC
UNIT
3 PINS
RθJA
Junction-to-ambient thermal resistance
23
25.3
19
RθJC(top)
Junction-to-case (top) thermal resistance
N/A
18
17
°C/W
RθJP
Junction-to-exposed-pad thermal resistance
2.7
1.94
3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1981–2015, Texas Instruments Incorporated
Product Folder Links: TL783


유사한 부품 번호 - TL783_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL783 TI1-TL783_12 Datasheet
626Kb / 20P
[Old version datasheet]   HIGH-VOLTAGE ADJUSTABLE REGULATOR
More results

유사한 설명 - TL783_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL783 TI1-TL783_12 Datasheet
626Kb / 20P
[Old version datasheet]   HIGH-VOLTAGE ADJUSTABLE REGULATOR
TL783 TI-TL783 Datasheet
205Kb / 13P
[Old version datasheet]   HIGH-VOLTAGE ADJUSTABLE REGULATOR
TL783C TI-TL783C_07 Datasheet
342Kb / 15P
[Old version datasheet]   HIGH-VOLTAGE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
7703404YA ETC2-7703404YA Datasheet
15Kb / 3P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
logo
SHANGHAI BELLING CO., L...
BL317B BELLING-BL317B Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317BT BELLING-BL317BT Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_15 Datasheet
215Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SULM317 SECOS-SULM317 Datasheet
298Kb / 4P
   Adjustable Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com