전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM39R16A2 데이터시트(PDF) 3 Page - SyncMOS Technologies,Inc

부품명 SM39R16A2
상세설명  Dual 16-bit Data Pointers
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM39R16A2 데이터시트(HTML) 3 Page - SyncMOS Technologies,Inc

  SM39R16A2 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
SM39R16A2/SM39R12A2/SM39R08A2
8-Bit Micro-controller
16KB/12KB/8KB with ISP Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M057
Ver.H
SM39R16A2
07/2012
3
Product List
SM39R16/12/08A2W20NP, SM39R16/12/08A2W24KP,
SM39R16/12/08A2W28KP, SM39R16/12/08A2W20SP,
SM39R16/12/08A2W24SP, SM39R16/12/08A2W28SP,
SM39R16/12/08A2W20GP
Description
The SM39R16A2 is a 1T (one machine cycle per clock)
single-chip 8-bit microcontroller. It has 16K-byte embedded
Flash for program, and executes all ASM51 instructions fully
compatible with MCS-51.
SM39R16A2 contains 256B on-chip RAM, more than 26
GPIOs (28L package), various serial interfaces and many
peripheral functions as described below. It can be
programmed via writers. Its on-chip ICE is convenient for
users in verification during development stage.
The high performance of SM39R16A2 can achieve
complicated manipulation within short time. About one third
of the instructions are pure 1T, and the average speed is 8
times of traditional 8051, the fastest one among all the 1T
51-series.Its excellent EMI and ESD characteristics are
advantageous for many different applications.
Ordering Information
SM39R16A2ihhkL yymmv
i: process identifier {W = 2.7V ~ 5.5V}
hh: pin count
k: package type postfix {as table below }
L:PB Free identifier
{No text is Non-PB free,”P” is PB free}
yy: year
mm: month
v: version identifier{ A, B,…}
Postfix
Package
Pin / Pad
Configuration
N
PDIP (300 mil)
Page 3
S
SOP (300 mil)
Page 2,3
K
Skinny PDIP (300 mil)
Page 2,3
G
SSOP (150 mil)
Page 3
Contact SyncMOS : www.syncmos.com.tw
6F, No.10-2 Li- Hsin 1st Road , SBIP, Hsinchu, Taiwan
TEL: 886-3-567-1820
FAX: 886-3-567-1891
Features
Operating Voltage: 2.7V ~ 5.5V
High speed architecture of 1 clock/machine cycle runs
up to 25MHz.
1~8T can be switched on the fly.
Instruction-set compatible with MCS-51.
22.1184MHz Internal RC oscillator, with programmable
clock divider
16K/12K/8K Bytes on-chip program memory.
256 bytes RAM as standard 8052,
Dual 16-bit Data Pointers (DPTR0 & DPTR1).
One serial peripheral interfaces in full duplex mode.
Additional Baud Rate Generator
Three 16-bit Timer/Counters. (Timer 0,1,2)
26 GPIOs(28L package)
External interrupt 0,1 with four priority levels
Programmable watchdog timer.
One IIC interface. (Master/Slave mode)
One SPI interface (Master/Slave mode)
2-channel PWM
4-channel 16-bit PCA for compare(PWM) / capture /
reload functions
8-channel 10-bit analog-to-digital converter (ADC)
OPA/CMP x1 Set (2 devices)
ISP/IAP/ICP functions.
ISP service program space configurable in N*256 byte
(N=0 to 16) size.
EEPROM function.
On-Chip in-circuit emulator (ICE) functions with
On-Chip Debugger (OCD).
Keyboard interface (KBI) for four more interrupts.
LVI/LVR (LVR deglitch 500ns)
IO PAD ESD over 4KV.
Enhance user code protection.
Power management unit for IDLE and power down modes.


유사한 부품 번호 - SM39R16A2

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
SM39R16A6 SYNCMOS-SM39R16A6 Datasheet
1Mb / 91P
   Additional Baud Rate Generator for Serial port
More results

유사한 설명 - SM39R16A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ACT16254 TI1-74ACT16254_09 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT ADDRESS/DATA MULTIPLEXER
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
Analog Devices
ADUC836BSZ AD-ADUC836BSZ Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit
REV. A
logo
Motorola, Inc
MC68008 MOTOROLA-MC68008 Datasheet
927Kb / 36P
   16-Bit Microprocessor With 8-Bit Data Bus
logo
STMicroelectronics
A3G4250D STMICROELECTRONICS-A3G4250D Datasheet
1Mb / 44P
   16-bit rate value data output
February 2012 Rev 3
logo
Analog Devices
ADUC834BSZ AD-ADUC834BSZ Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit
REV. A
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
logo
Texas Instruments
SN74AVCAH164245 TI-SN74AVCAH164245 Datasheet
376Kb / 15P
[Old version datasheet]   16 BIT DUAL BUS TRANSCEIVER
logo
Analog Devices
AD5689R AD-AD5689R_17 Datasheet
851Kb / 28P
   Dual, 16-/12-Bit nanoDAC
AD9776 AD-AD9776_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com