전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW-7573B 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 FW-7573B
상세설명  Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7573B 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  FW-7573B Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7573B Datasheet HTML 2Page - List of Unclassifed Manufacturers FW-7573B Datasheet HTML 3Page - List of Unclassifed Manufacturers FW-7573B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Form Factor
Rackmount 1U
Platform
Processor Options
Intel® AtomTM processor C2758 (8C) or C2518 (4C), Code-
named “Rangeley”
Chipset
N/A
OS Support
Linux Kernel 2.6 or above
BIOS
AMI BIOS 16Mb
System Memory
Technology
Dual-channel DDR3 1333/1600 MHz, Un-buffered, (ECC or
non-ECC), 1.5V
Max. Capacity
16 GB
Socket
2 x 240-pin DIMM
Storage
HDD Bays
2 x 2.5” drive bay
CF/SD
1 x CF card Type II
Networking
Ethernet Ports
6 x GbE RJ-45 onboard
Bypass
3 pairs Gen.3 (SKU A)
Controllers
2 x Intel i210AT, 1 x Marvell 88E1543
Front NIC Module slot
1
Management Port
N/A
I/O Interface
Reset Button
Yes
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Display
N/A
Expansion
PCIe at rear
Optional PCIe riser card is needed
Cannot co-exist with Front NIC module installation
PCI
N/A
Cooling
Processor
CPU heatsink
System
1 x cooling Fan with smart fan control
Environmental
Parameters
Temperature, ambient operating
/ storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient operating
/ ambient non-operating
5~90%, non-condensing / 5~95%, non-condensing
Miscellaneous
LCD Module
2 x 20 LCM with keypad
Watchdog
Yes
Internal RTC with Li Battery
Yes
Physical
Dimensions
Dimensions (WxHxD)
431 x 44 x 305 mm
Weight
4 kg
Power
Type / Watts
150W ATX Power Supply Units
Input
100~240 V @50~60 Hz
Approvals and Compliance
CE Class A, FCC Class A, UL, RoHS


유사한 부품 번호 - FW-7573B

제조업체부품명데이터시트상세설명
logo
Lanner All Rights Reser...
FW-7573B LANNER-FW-7573B Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor (Codenamed ?쏳angeley??
More results

유사한 설명 - FW-7573B

제조업체부품명데이터시트상세설명
logo
Lanner All Rights Reser...
FW-7573 LANNER-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor (Codenamed ?쏳angeley??
logo
List of Unclassifed Man...
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
FW-7551 ETC2-FW-7551 Datasheet
343Kb / 4P
   Desktop x86 Network Security Platform with Intel짰 Atom짰 C2000 Processor
logo
Lanner All Rights Reser...
FW-7571 LANNER-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor (Codenamed ?쏳angeley??
FW-7525 LANNER-FW-7525 Datasheet
510Kb / 2P
   Fanless Desktop x86 Network Platform with Intel짰 Atom??C2000 Series ?쏳angeley??Processor
FW-7551 LANNER-FW-7551 Datasheet
502Kb / 4P
   Desktop x86 Network Security Platform with Intel짰 Atom짰 C2000 Processor (Codenamed ?쏳angeley??
logo
List of Unclassifed Man...
FW-7584A ETC2-FW-7584A Datasheet
166Kb / 2P
   Rackmount x86 Network Security Platform with 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
FW-8771 ETC2-FW-8771 Datasheet
431Kb / 4P
   Rackmount x86 Network Security Platform Based on Intel짰 Xeon짰 E3-1200 v3 processor
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
FW-7543 ETC2-FW-7543 Datasheet
140Kb / 2P
   Desktop x86 Network Security Platform with Intel짰 Celeron짰 J1900 and Atom??E3800
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com