전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW-7575B 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 FW-7575B
상세설명  1U rackmount Network security platform with Intel Sandy Bridge Gladden processors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7575B 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-7575B Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7575B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
connect@lannerinc.com
www.lannerinc.com
Specifications are subject to change without notice
Last Updated: 20-Aug-2012
FW-7575
1U rackmount Network security
platform with Intel Sandy Bridge
Gladden processors
Features
Using Intel® Next generation
Crystal Forest Platform with
Cave Creek PCH
The Intel® code-named “Crystal
Forest” platform will handle data
processing across the network
more efficiently and securely, es-
pecially for handling cloud com-
puting and content delivering.
Intel® built-in DPDK can improve
five times network perform-
ance over previous generation
of Intel® platforms. Intel®Cave
Creek chipset comes with Quick-
Assist™ technology, it processes
and accelerates packet workloads
in cryptography, compression and
deep packet inspection.
Two Pairs of Generation 3
Bypass
Each pair of Generation 3 bypass
ports can be programmed to turn
on and off. They also allow data
packet through when the
appliance is powering on and off.
Solid Expansion Capabilities
In addition to the default 2.5”
SATA HDD and PCI-E*8 golden
fingers, there is the option of
having the FW-7575 fitted with
a 3.5” HDD bay. Also available is
one Type II CompactFlash slot.
Dimensions: 431 x 44 x 305.8 mm
Management Port
LCM & Keypad 2 x USB
Console
6 x GbE RJ45
3 x System Fans
NIC Expansion slot


유사한 부품 번호 - FW-7575B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
logo
Lanner All Rights Reser...
FW-7571 LANNER-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor (Codenamed ?쏳angeley??
logo
List of Unclassifed Man...
FW-7571A ETC2-FW-7571A Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
logo
Lanner All Rights Reser...
FW-7571A LANNER-FW-7571A Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor (Codenamed ?쏳angeley??
logo
List of Unclassifed Man...
FW-7571B ETC2-FW-7571B Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
More results

유사한 설명 - FW-7575B

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
logo
AAEON Technology
FWS-7830 AAEON-FWS-7830 Datasheet
359Kb / 2P
   1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/06/08
FWS-7831 AAEON-FWS-7831 Datasheet
298Kb / 2P
   1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/03/10
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
FX-3210 ETC2-FX-3210 Datasheet
262Kb / 2P
   2U Rackmount Appliance With Support For Intel Sandy Bridge / Ivy Bridge Processors And Intel C206 Chipset
logo
Axiomtek Co., Ltd.
NA570 AXIOMTEK-NA570_17 Datasheet
184Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1150 Socket
NA580 AXIOMTEK-NA580_17 Datasheet
252Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1151 Socket
NA590 AXIOMTEK-NA590 Datasheet
306Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1151 Socket
logo
List of Unclassifed Man...
FW-8865 ETC2-FW-8865 Datasheet
422Kb / 2P
   1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com