전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8954B 데이터시트(PDF) 10 Page - SyncMOS Technologies,Inc

부품명 SM8954B
상세설명  On-chip 768 bytes expanded RAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8954B 데이터시트(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM8954B Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 12Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 13Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
SM8954B
8-Bit Micro-controller
16KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M083
Ver D SM8954B 08/07/2015
- 10 -
Note: Special Function Registers reset values and description for SM8954B.
Register
Location
Reset value
Description
1
P0
80H
FFH
Port 0
2
SP
81H
07H
Stack Pointer
3
DPL
82H
00H
Data Pointer 0 low byte
4
DPH
83H
00H
Data Pointer 0 high byte
5
RCON
85H
00H
RAM Control
6
DBANK
86H
01H
Data RAM bank select
7
PCON
87H
00H
Power Control
8
TCON
88H
00H
Timer/Counter Control
9
TMOD
89H
00H
Timer Mode Control
10
TL0
8AH
00H
Timer 0, low byte
11
TL1
8BH
00H
Timer 1, low byte
12
TH0
8CH
00H
Timer 0, high byte
13
TH1
8DH
00H
Timer 1, high byte
14
P1
90H
FFH
Port 1
15
SCON
98H
00H
Serial Port 0, Control Register
16
SBUF
99H
00H
Serial Port 0, Data Buffer
17
P1CON
9BH
00H
P1 control
18
WDTC
9FH
00H
Watch Dog Timer Control
19
P2
A0H
FFH
Port 2
20
IE
A8H
00H
Interrupt Enable
21
IE1
A9H
00H
Interrupt Enable 1
22
IFR
AAH
00H
Interrupt Flag for read
23
P3
B0H
FFH
Port 3
24
PWMD0
B3H
00H
PWM Data 0
25
PWMD1
B4H
00H
PWM Data 1
26
IP
B8H
00H
Interrupt Priority
27
IP1
B9H
00H
Interrupt Priority 1
28
SCONF
BFH
02H
System Control Register
29
TWSIS
C0H
00H
TWSI Status
30
TWSIA
C1H
A0H
TWSI Address
31
TWSIC1
C2H
01H
TWSI Control 1
32
TWSIC2
C3H
00H
TWSI Control 2
33
TWSITXD
C4H
FFH
TWSI Transmit Data
34
TWSIRXD
C5H
00H
TWSI Receive Data
35
T2CON
C8H
00H
Timer 2 Control
36
T2MOD
C9H
00H
Timer 2 Mode
37
RCAP2L
CAH
00H
Timer2 Capture Low
38
RCAP2H
CBH
00H
Timer2 Capture High
39
TL2
CCH
00H
Timer 2, low byte
40
TH2
CDH
00H
Timer 2, high byte
41
PSW
D0H
00H
Program Status Word


유사한 부품 번호 - SM8954B

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8954AC25 SYNCMOS-SM8954AC25 Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8954AC40 SYNCMOS-SM8954AC40 Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8954AL25 SYNCMOS-SM8954AL25 Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
More results

유사한 설명 - SM8954B

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM89516B SYNCMOS-SM89516B Datasheet
792Kb / 49P
   On-chip 768 bytes expanded RAM
logo
Sanyo Semicon Device
LC86104C SANYO-LC86104C Datasheet
1Mb / 67P
   On-chip 168 Bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER?
LC87F2924B SANYO-LC87F2924B_09 Datasheet
173Kb / 28P
   FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC863G64A SANYO-LC863G64A Datasheet
134Kb / 21P
   CGROM16K-byte on-chip 768-byte RAM and 352횞9 bit OSD RAM 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC86108A SANYO-LC86108A Datasheet
1Mb / 62P
   168 Bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_14 Datasheet
1Mb / 5P
   16K Bytes of On-chip Flash Memory
logo
SyncMOS Technologies,In...
SM39R04G1 SYNCMOS-SM39R04G1 Datasheet
627Kb / 47P
   4K Bytes on-chip flash program memory
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
   64K bytes On-chip Flash Program/Data Memory
logo
SyncMOS Technologies,In...
SM59R16G6 SYNCMOS-SM59R16G6 Datasheet
984Kb / 69P
   External RAM addresses up to 64K bytes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com