전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW-7879B 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 FW-7879B
상세설명  Cost effective appliance for mainstream network applications, from Acceleration to VOIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7879B 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-7879B Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7879B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cost effective appliance for mainstream network applications, from Acceleration to VOIP
FW-7879 Network Communication Appliance
Performance core
Enjoy increased performance suitable for a wide
range of security applications with Intel® Core 2
Duo™, Core Duo™, Core Solo™, Celeron™ M,
LV and ULV processors.
High network throughput
Scan more packets per second with 6 enterprise
grade Intel 82574 Gigabit NICs and up to three
by-pass pairs.
Optional Back Panel IO
Deploy the FW-7879 in a wide range of
enviroments with direct user interfaces via console,
USB and VGA ports on the back panel.
RoHS compliant
Create solutions for Europe and China with the
knowledge of pre-test RoHS compliant hardware.
Expansion options
Choose from Lanner’s extensive PCI-E and mini-PCI
VPN and content inspection network accelerators.
The FW-7879 is a 19” 1U Intel network platform based on
the Intel 945GC and ICH7R chipset. With support for Intel®
Core 2 Duo, Intel® Celeron, Intel® Pentium® 4 processor in
the LGA775 Land Grid Array package or Intel® Pentium®
D processor, the FW-7879 Series targets intelligent
broadband networking, control plane, storage, and wireless
applications for next-generation equipment from 100 Mbps
to 1Gbps.
The FW-7879 transcends traditional performance and cost
parameters, delivering greater IO thoughput per dollar.
By supporting a vast range of processors, from low cost
Celeron all the way up to high-performance Core 2 Duo,
the FW-7879 easily lends itself to any application, with the
price to match.
Customized for performance, management
Intel® Ethernet


유사한 부품 번호 - FW-7879B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FW-7872 ETC2-FW-7872 Datasheet
284Kb / 3P
   1U half-rack network application platform with 4GbE fail-over network ports and IPMI 2.0
More results

유사한 설명 - FW-7879B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MR-330 ETC2-MR-330 Datasheet
259Kb / 2P
   Network Acceleration Appliance
FW-5330A ETC2-FW-5330A Datasheet
160Kb / 4P
   Cost Effective Network Appliance with AMD짰 Low-power T24L Processor
logo
Diodes Incorporated
AP8803 DIODES-AP8803 Datasheet
268Kb / 2P
   Cost effective 3W LED driver for consumer applications
logo
Level One
VOI-8001 LVL1-VOI-8001 Datasheet
134Kb / 2P
   The LevelOne VOI-8001 is a cost-effective VoIP telephone gateway
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
   Mainstream Solution for Space Critical Applications
logo
Axiomtek Co., Ltd.
NA-200A AXIOMTEK-NA-200A Datasheet
325Kb / 1P
   Suitable for network appliance
NA-811C AXIOMTEK-NA-811C Datasheet
195Kb / 1P
   Suitable for network appliance
logo
List of Unclassifed Man...
TIGER560 ETC-TIGER560 Datasheet
449Kb / 37P
   USB Controller for Low Cost VoIP solutions
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com